Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G08DP Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G08DP
Description  Dual 2-input AND gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G08DP Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G08DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G08DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G08DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G08DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G08DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G08DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G08DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G08DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G08DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Nexperia
74LVC2G08
Dual 2-input AND gate
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT765-1
MO-187
sot765-1_po
07-06-02
16-05-31
Unit
mm
max
nom
min
0.15
0.27 0.23 2.1
0.5
0.4
A
max.
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
A1
A2
0.85
A3
bp
c
D(1) E(2)
e
HE
L
0.4
Lp
Q
v
w
1
0.12
0.1
0.2 0.08
y
Z(1)
3.0
0.15
2.2
0.19
0.00
0.17 0.08 1.9
0.1
0.60
0°
3.2
0.40
2.4
0.21
8°
θ
0
scale
5 mm
detail X
A
y
e
X
v
A
bp
w
D
Z
1
4
8
5
θ
A2
A1
Q
Lp
(A3)
A
L
HE
E
c
pin 1 index
Fig. 10. Package outline SOT765-1 (VSSOP8)
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 18 — 23 January 2023
11 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com