| Electronic Components Datasheet Search |
|
AD7321 Datasheet(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7321 Datasheet(HTML) 29 Page - Analog Devices |
|
29 / 36 page ![]() AD7321 Rev. 0 | Page 29 of 36 AUTO SHUTDOWN MODE As is the case with autoshutdown mode, the AD7321 enters standby on the 15th SCLK rising edge once the control register is updated (see (PM1 = 1, PM0 = 0) Figure 47). The part retains information in the registers during standby. The AD7321 remains in standby until it receives a Once the autoshutdown mode is selected, the AD7321 auto- matically enters shutdown on the 15th SCLK rising edge. In autoshutdown mode, all internal circuitry is powered down. The AD7321 retains information in the registers during autoshutdown. The track-and-hold is in hold mode during autoshutdown. On the rising CS rising edge. The ADC begins to power up on the CS edge, the track-and-hold, which was in hold during shutdown, returns to track as the AD7321 begins to power up. The power-up from autoshutdown is 500 μs. When the control register is programmed to transition to autoshutdown mode, it does so on the 15th SCLK rising edge. Figure 47 shows the part entering autoshutdown mode. The AD7321 automatically begins to power up on the CS rising edge. The tPOWER-UP is required before a valid conversion, initiated by bringing the CS signal low, can take place. Once this valid conversion is complete, the AD7321 powers down again on the 15th SCLK rising edge. The CS signal must remain low again to keep the part in autoshutdown mode. AUTOSTANDBY MODE (PM1 = 0, PM0 =1) In autostandby mode, portions of the AD7321 are powered down, but the on-chip reference remains powered up. The reference bit in the control register should be 1 to ensure that the on-chip reference is enabled. This mode is similar to auto- shutdown but allows the AD7321 to power up much faster, which allows faster throughput rates. CS CS rising edge. On the rising edge, the track-and-hold, which was in hold mode while the part was in standby, returns to track. The power-up time from standby is 700 ns. The user should ensure that 700 ns have elapsed before bringing CS low to attempt a valid conversion. Once this valid conversion is complete, the AD7321 again returns to standby on the 15th SCLK rising edge. The CS signal must remain low to keep the part in standby mode. Figure 47 shows the part entering autoshutdown mode. The sequence of events is the same when entering autostandby mode. In Figure 47, the power management bits are configured for autoshutdown. For autostandby mode, the power management bits, PM1 and PM0, should be set to 0 and 1, respectively. CS 116 15 1 16 15 SCLK SDATA DIN VALID DATA VALID DATA DATA INTO CONTROL REGISTER DATA INTO CONTROL REGISTER tPOWER-UP CONTROL REGISTER IS LOADED ON THE FIRST 15 CLOCKS, PM1 = 1, PM0 = 0 PART ENTERS SHUTDOWN MODE ON THE 15TH RISING SCLK EDGE AS PM1 = 1, PM0 = 0 PARTBEGINS TO POWER UP ON CS RISING EDGE THE PART IS FULLY POWERED UP ONCE tPOWER-UP HAS ELAPSED Figure 47. Entering Autoshutdown/Autostandby Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |