| Electronic Components Datasheet Search |
|
AD7321 Datasheet(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7321 Datasheet(HTML) 31 Page - Analog Devices |
|
31 / 36 page ![]() AD7321 Rev. 0 | Page 31 of 36 SERIAL INTERFACE Figure 50 shows the timing diagram for the serial interface of the AD7321. The serial clock applied to the SCLK pin provides the conversion clock and controls the transfer of information to and from the AD7321 during a conversion. Data is clocked into the AD7321 on the SCLK falling edge. The three MSBs on the DIN line are decoded to select which register is being addressed. The control register is a 12-bit register. If the control register is addressed by the three MSBs, the data on the DIN line is loaded into the control on the 15th SCLK falling edge. If the range register is addressed, the data on the DIN line is loaded into the addressed register on the 11th SCLK falling edge. CS The signal initiates the data transfer and the conversion process. The falling edge of CS puts the track-and-hold into hold mode and takes the bus out of three-state. Then the analog input signal is sampled. Once the conversion is initiated, it requires 16 SCLK cycles to complete. Conversion data is clocked out of the AD7321 on each SCLK falling edge. Data on the DOUT line consists of two leading ZEROs, a channel identifier bit, a sign bit, and a 12-bit conversion result. The channel identifier bit is used to indicate which channel corresponds to the conversion result. The first ZERO bit is clocked out on the The track-and-hold goes back into track mode on the 14th SCLK rising edge. On the 16th SCLK falling edge, the DOUT line returns to three-state. If the rising edge of CS occurs before 16 SCLK cycles have elapsed, the conversion is terminated, and the DOUT line returns to three-state. Depending on where the CS falling edge, and the second bit is clocked out on the first SCLK falling edge. CS signal is brought high, the addressed register may be updated. ZERO 1 2 3 4 5 13 14 15 16 WRITE ZERO REG SEL LSB DON’T CARE MSB ADD0 SIGN DB11 DB10 DB2 DB1 DB0 t2 t6 t4 t9 t10 t3 t7 t5 t8 t1 tQUIET tCONVERT SCLK CS DOUT THREE- STATE THREE-STATE DIN ZERO IDENTIFICATION BIT Figure 50. Serial Interface Timing Diagram (Control Register Write) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |