Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G66 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G66
Description  Bilateral switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC1G66 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Nexperia
74LVC1G66
Bilateral switch
10.1. Test circuits
001aam389
IS
VI
VIL
VO
VCC
GND
Y
Z
E
VI = VCC or GND and VO = GND or VCC.
Fig. 7. Test circuit for measuring OFF-state leakage
current
001aam390
IS
VI
VIH
VO
VCC
GND
Y
Z
E
VI = VCC or GND and VO = open circuit.
Fig. 8. Test circuit for measuring ON-state leakage
current
10.2. ON resistance
Table 8. ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V);
for test circuit see Fig. 9; for graphs see Fig. 10 to Fig. 15.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ [1] Max
Min
Max
Unit
VI = GND to VCC
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
34.0
130
-
195
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
12.0
30
-
45
Ω
ISW = 12 mA; VCC = 2.7 V
-
10.4
25
-
38
Ω
ISW = 24 mA; VCC = 3.0 V to 3.6 V
-
7.8
20
-
30
Ω
RON(peak) ON resistance
(peak)
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
6.2
15
-
23
Ω
VI = GND
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
8.2
18
-
27
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.1
16
-
24
Ω
ISW = 12 mA; VCC = 2.7 V
-
6.9
14
-
21
Ω
ISW = 24 mA; VCC = 3.0 V to 3.6 V
-
6.5
12
-
18
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
5.8
10
-
15
Ω
VI = VCC
ISW = 4 mA; VCC = 1.65 V to 1.95 V
-
10.4
30
-
45
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.6
20
-
30
Ω
ISW = 12 mA; VCC = 2.7 V
-
7.0
18
-
27
Ω
ISW = 24 mA; VCC = 3.0 V to 3.6 V
-
6.1
15
-
23
Ω
RON(rail) ON resistance
(rail)
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
4.9
10
-
15
Ω
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 12 — 12 January 2022
5 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com