Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G66 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G66
Description  Bilateral switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Nexperia
74LVC1G66
Bilateral switch
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
CL = 50 pF; fi = 10 MHz;
VI = GND to VCC
[6]
VCC = 2.5 V
-
9.8
-
-
-
pF
VCC = 3.3 V
-
12.0
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 5.0 V
-
17.3
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and nominal VCC.
[2] tpd is the same as tPLH and tPHL
[3] Propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified capacitance when
driven by an ideal voltage source (zero output impedance).
[4] ten is the same as tPZH and tPZL
[5] tdis is the same as tPLZ and tPHZ
[6] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ{(CL + CS(ON))× VCC 2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CS(ON) = maximum ON-state switch capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ{(CL + CS(ON)) × VCC 2 × fo} = sum of the outputs.
11.1. Waveforms and test circuit
mna667
tPLH
tPHL
VM
VM
Y or Z input
Z or Y output
GND
VI
VOH
VOL
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 16. Input (Y or Z) to output (Z or Y) propagation delays
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 12 — 12 January 2022
9 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com