Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G58GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G58GS
Description  Low-power configurable multiple function gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G58GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G58GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G58GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G58GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G58GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G58GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G58GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G58GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G58GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G58GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
74LVC1G58
Low-power configurable multiple function gate
Rev. 11 — 1 February 2022
Product data sheet
1. General description
The 74LVC1G58 is a configurable multiple function gate with Schmitt-trigger inputs. The device
can be configured as any of the following logic functions AND, OR, NAND, NOR, XOR, inverter
and buffer; using the 3-bit input. All inputs can be connected diectly to VCC or GND. Inputs can be
driven from either 3.3 V or 5 V devices. This feature allows the use of these devices as translators
in mixed 3.3 V and 5 V environments.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power dissipation
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Overvoltage tolerant inputs to 5.5 V
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V.
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.


Similar Part No. - 74LVC1G58GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G58GF NXP-74LVC1G58GF Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
74LVC1G58GF NXP-74LVC1G58GF Datasheet
110Kb / 18P
Low-power configurable multiple function gate
Rev. 04-27 April 2009
74LVC1G58GM PHILIPS-74LVC1G58GM Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 01-15 September 2004
74LVC1G58GM NXP-74LVC1G58GM Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
74LVC1G58GM NXP-74LVC1G58GM Datasheet
110Kb / 18P
Low-power configurable multiple function gate
Rev. 04-27 April 2009
More results

Similar Description - 74LVC1G58GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
Low-power configurable multiple function gate
Rev. 6-10 January 2011
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
Low-power configurable multiple function gate
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com