Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMI16/1/V3PX Datasheet(PDF) 7 Page - NXP Semiconductors

Part # KMI16/1/V3PX
Description  Integrated rotational speed sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI16/1/V3PX Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button KMI16/1/V3PX Datasheet HTML 3Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 4Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 5Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 6Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 7Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 8Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 9Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 10Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2000 Sep 05
7
Philips Semiconductors
Product specification
Integrated rotational speed sensor
KMI16/1
handbook, halfpage
1
2
4
3
01
2
3
4
0
d
(mm)
MRA998
d
y (mm)
y
Fig.7 Sensing distance as a function of positional
tolerance in the y-axis; typical values.
VCC =12V; ft = 2 kHz; module = 2 mm; pitch diameter = 100 mm.
handbook, halfpage
1
2
4
3
01
0
d
(mm)
MRA999
d
Θ
23
4
Θ (deg)
Fig.8
Sensing distance as a function of positional
tolerance; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.
handbook, halfpage
MRA982
x (mm)
1
2
4
3
0
x
d
10 mm
d
(mm)
02
4
6
−2
−4
−6
Fig.9
Sensing distance as a function of positional
tolerance in the x-axis; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.
handbook, halfpage
1
2
4
3
−50
0
50
100
150
200
0
Tamb (
oC)
d
(mm)
MRA962
d
Fig.10 Sensing distance as a function of ambient
temperature; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com