Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMI16/1/V3PX Datasheet(PDF) 8 Page - NXP Semiconductors

Part # KMI16/1/V3PX
Description  Integrated rotational speed sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI16/1/V3PX Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button KMI16/1/V3PX Datasheet HTML 4Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 5Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 6Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 7Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 8Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 9Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 10Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 11Page - NXP Semiconductors KMI16/1/V3PX Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2000 Sep 05
8
Philips Semiconductors
Product specification
Integrated rotational speed sensor
KMI16/1
handbook, halfpage
gear wheel
sensor
d
d
MRA963
Fig.11 Sensor positioning.
handbook, halfpage
module m (mm)
1
0.5
1.5
0
0
12
3
4
5
d
MRA966
d0
Fig.12 Normalized maximum sensing distance as
a function of gear wheel module; typical
values.
do = measuring distance for a gear wheel with module m = 2 mm.
handbook, halfpage
1
2
4
3
01
2
3
4
0
d
(mm)
MRA965
d
ft
tooth
frequency
f (kHz)
Fig.13 Sensing distance as a function of tooth
frequency; typical values.
VCC = 12 V; module = 2 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com