Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9519 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9519
Description  4-channel level translating I2C-bus/SMBus repeater
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9519 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9519 Datasheet HTML 9Page - NXP Semiconductors PCA9519 Datasheet HTML 10Page - NXP Semiconductors PCA9519 Datasheet HTML 11Page - NXP Semiconductors PCA9519 Datasheet HTML 12Page - NXP Semiconductors PCA9519 Datasheet HTML 13Page - NXP Semiconductors PCA9519 Datasheet HTML 14Page - NXP Semiconductors PCA9519 Datasheet HTML 15Page - NXP Semiconductors PCA9519 Datasheet HTML 16Page - NXP Semiconductors PCA9519 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PCA9519_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Objective data sheet
Rev. 01 — 22 June 2006
13 of 17
Philips Semiconductors
PCA9519
4-channel level translating I2C-bus/SMBus repeater
13. Soldering
13.1 Introduction to soldering surface mount packages
There is no soldering method that is ideal for all surface mount IC packages. Wave
soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch
SMDs. In these situations reflow soldering is recommended.
13.2 Reflow soldering
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and
binding agent) to be applied to the printed-circuit board by screen printing, stencilling or
pressure-syringe dispensing before package placement. Driven by legislation and
environmental forces the worldwide use of lead-free solder pastes is increasing.
Several methods exist for reflowing; for example, convection or convection/infrared
heating in a conveyor type oven. Throughput times (preheating, soldering and cooling)
vary between 100 seconds and 200 seconds depending on heating method.
Typical reflow temperatures range from 215
°Cto260 °C depending on solder paste
material. The peak top-surface temperature of the packages should be kept below:
Moisture sensitivity precautions, as indicated on packing, must be respected at all times.
13.3 Wave soldering
Conventional single wave soldering is not recommended for surface mount devices
(SMDs) or printed-circuit boards with a high component density, as solder bridging and
non-wetting can present major problems.
To overcome these problems the double-wave soldering method was specifically
developed.
If wave soldering is used the following conditions must be observed for optimal results:
• Use a double-wave soldering method comprising a turbulent wave with high upward
pressure followed by a smooth laminar wave.
• For packages with leads on two sides and a pitch (e):
Table 6.
SnPb eutectic process - package peak reflow temperatures (from
J-STD-020C
July 2004)
Package thickness
Volume mm3 < 350
Volume mm3
≥ 350
< 2.5 mm
240
°C+0/−5 °C
225
°C+0/−5 °C
≥ 2.5 mm
225
°C+0/−5 °C
225
°C+0/−5 °C
Table 7.
Pb-free process - package peak reflow temperatures (from
J-STD-020C July
2004)
Package thickness
Volume mm3 < 350
Volume mm3 350 to
2000
Volume mm3 > 2000
< 1.6 mm
260
°C + 0 °C
260
°C + 0 °C
260
°C + 0 °C
1.6 mm to 2.5 mm
260
°C + 0 °C
250
°C + 0 °C
245
°C + 0 °C
≥ 2.5 mm
250
°C + 0 °C
245
°C + 0 °C
245
°C + 0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com