Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9519 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9519
Description  4-channel level translating I2C-bus/SMBus repeater
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9519 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9519 Datasheet HTML 1Page - NXP Semiconductors PCA9519 Datasheet HTML 2Page - NXP Semiconductors PCA9519 Datasheet HTML 3Page - NXP Semiconductors PCA9519 Datasheet HTML 4Page - NXP Semiconductors PCA9519 Datasheet HTML 5Page - NXP Semiconductors PCA9519 Datasheet HTML 6Page - NXP Semiconductors PCA9519 Datasheet HTML 7Page - NXP Semiconductors PCA9519 Datasheet HTML 8Page - NXP Semiconductors PCA9519 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PCA9519_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Objective data sheet
Rev. 01 — 22 June 2006
3 of 17
Philips Semiconductors
PCA9519
4-channel level translating I2C-bus/SMBus repeater
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for TSSOP20
Fig 3.
Pin configuration for HVQFN24
PCA9519PW
EN
VCC(B)
B1
A1
B2
A2
B3
A3
B4
A4
B5
A5
B6
A6
B7
A7
B8
A8
GND
VCC(A)
002aab640
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
002aab641
PCA9519BS
Transparent top view
B7
A6
A7
B6
A5
B5
A4
B4
A3
B3
A2
B2
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
Table 2.
Pin description
Symbol
Pin
Description
TSSOP20
HVQFN24
EN
1
11
enable input (active HIGH)
GND
10
22[1]
ground (0 V)
VCC(A)
11
23
port A power supply
A1
19
24
A1 port (low voltage side)[2]
A2
18
1
A2 port (low voltage side)[2]
A3
17
2
A3 port (low voltage side)[2]
A4
16
3
A4 port (low voltage side)[2]
A5
15
4
A5 port (low voltage side)[2]
A6
14
5
A6 port (low voltage side)[2]
A7
13
6
A7 port (low voltage side)[2]
A8
12
7
A8 port (low voltage side)[2]
VCC(B)
20
10
port B power supply
B8
9
12
B8 port (SMBus/I2C-bus side)[2]
B7
8
13
B7 port (SMBus/I2C-bus side)[2]
B6
7
14
B6 port (SMBus/I2C-bus side)[2]
B5
6
15
B5 port (SMBus/I2C-bus side)[2]
B4
5
16
B4 port (SMBus/I2C-bus side)[2]
B3
4
17
B3 port (SMBus/I2C-bus side)[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com