Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK9446 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK9446
Description  2.5 V and 3.3 V LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9446 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK9446 Datasheet HTML 1Page - NXP Semiconductors PCK9446 Datasheet HTML 2Page - NXP Semiconductors PCK9446 Datasheet HTML 3Page - NXP Semiconductors PCK9446 Datasheet HTML 4Page - NXP Semiconductors PCK9446 Datasheet HTML 5Page - NXP Semiconductors PCK9446 Datasheet HTML 6Page - NXP Semiconductors PCK9446 Datasheet HTML 7Page - NXP Semiconductors PCK9446 Datasheet HTML 8Page - NXP Semiconductors PCK9446 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The PCK9446 is a 2.5 V and 3.3 V compatible 1 : 10 clock distribution buffer designed for
low-voltage mid-range to high-performance telecom, networking and computing
applications. Both 3.3 V, 2.5 V and dual supply voltages are supported for mixed-voltage
applications. The PCK9446 offers 10 low skew outputs and 2 selectable inputs for clock
redundancy. The outputs are configurable and support 1 : 1 and 1 : 2 output to input
frequency ratios. The PCK9446 is specified for the extended temperature range of
−40 °Cto+85 °C.
The PCK9446 is a full static design supporting clock frequencies up to 250 MHz. The
signals are generated and retimed on-chip to ensure minimal skew between the three
output banks. Two independent LVCMOS compatible clock inputs are available. This
feature supports redundant clock sources or the addition of a test clock into the system
design. Each of the three output banks can be individually supplied by 2.5 V or 3.3 V
supporting mixed voltage applications. The FSELx pins choose between division of the
input reference frequency by one or two. The frequency divider can be set individually for
each of the three output banks. The PCK9446 can be reset and the outputs are disabled
by deasserting the MR/OE pin (logic HIGH state). Asserting OE will enable the outputs.
All inputs accept LVCMOS signals while the outputs provide LVCMOS compatible levels
with the capability to drive terminated 50
Ω transmission lines. Please refer to the
PCK9456 specification for a 1 : 10 mixed voltage buffer with LVPECL compatible inputs.
For series terminated transmission lines, each of the PCK9446 outputs can drive one or
two traces giving the devices an effective fan-out of 1 : 20. The device is packaged in a
32-lead LQFP package which has a 7 mm
× 7 mm body size with a conservative 0.8 mm
pin spacing.
2.
Features
I Configurable 10 outputs LVCMOS clock distribution buffer
I Compatible to single, dual and mixed 3.3 V/2.5 V voltage supply
I Wide range output clock frequency up to 250 MHz
I Designed for mid-range to high-performance telecom, networking and computer
applications
I Supports applications requiring clock redundancy
I Maximum output skew of 200 ps (100 ps within one bank)
I Selectable output configurations per output bank
I 3-stateable outputs
I 32-lead LQFP packaging
I Ambient operating temperature range of −40 °Cto+85 °C
PCK9446
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01 — 10 April 2006
Product data sheet


Similar Part No. - PCK9446

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
PCK9447BD PHILIPS-PCK9447BD Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
PCK9448BD PHILIPS-PCK9448BD Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
More results

Similar Description - PCK9446

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Texas Instruments
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com