Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK9446 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK9446
Description  2.5 V and 3.3 V LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9446 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK9446 Datasheet HTML 1Page - NXP Semiconductors PCK9446 Datasheet HTML 2Page - NXP Semiconductors PCK9446 Datasheet HTML 3Page - NXP Semiconductors PCK9446 Datasheet HTML 4Page - NXP Semiconductors PCK9446 Datasheet HTML 5Page - NXP Semiconductors PCK9446 Datasheet HTML 6Page - NXP Semiconductors PCK9446 Datasheet HTML 7Page - NXP Semiconductors PCK9446 Datasheet HTML 8Page - NXP Semiconductors PCK9446 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PCK9446_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 April 2006
3 of 17
Philips Semiconductors
PCK9446
2.5 V and 3.3 V LVCMOS clock fan-out buffer
5.
Pinning information
5.1 Pinning
5.2 Pin description
[1]
VCCB is internally connected to VCC.
Fig 2.
Pin configuration for LQFP32
PCK9446BD
CLK_SEL
GND
VCC
QB0
CLK0
VCCB
CLK1
QB1
FSELA
GND
FSELB
QB2
FSELC
VCCB
GND
VCCC
002aaa706
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Table 2.
Pin description
Symbol
Pin
I/O
Type
Description
CLK_SEL
1
I
clock input select
CLK0, CLK1
3, 4
I
LVCMOS
LVCMOS clock inputs
FSELA, FSELB,
FSELC
5, 6, 7
I
LVCMOS
output bank divide select input
MR/OE
32
I
LVCMOS
internal reset and output 3-State control
GND
8, 11, 15, 20,
24, 27, 31
supply
negative voltage supply output bank
(GND)
VCCA
25, 29
supply
positive voltage supply for output bank A
VCCB[1]
18, 22
supply
positive voltage supply for output bank B
VCCC
9, 13, 17
supply
positive voltage supply for output bank C
VCC
2
supply
positive voltage supply core (VCC)
QA[0:2]
30, 28, 26
O
LVCMOS
bank A outputs
QB[0:2]
23, 21, 19
O
LVCMOS
bank B outputs
QC[0:3]
10, 12, 14, 16
O
LVCMOS
bank C outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com