Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC1353 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # PC1353
Description  TV AUDIO PROCESSING CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

PC1353 Datasheet(HTML) 1 Page - Linear Integrated Systems

  PC1353 Datasheet HTML 1Page - Linear Integrated Systems PC1353 Datasheet HTML 2Page - Linear Integrated Systems PC1353 Datasheet HTML 3Page - Linear Integrated Systems PC1353 Datasheet HTML 4Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC1353
LINEAR INTEGRATED CIRCUIT
1
TV AUDIO PROCESSING CIRCUIT
DESCRIPTION
Contek PC1353 is designed for TV SIF signal amplification
and audio power amplification purpose. It includes SIF
amplifier, FM, frequency discriminator, DC volume control,
2.4W power amplifier and voltage regulator.
FEATURES
* Wide operating supply voltage,9V ~ 18V
When VCC=18V,RL=8 W,Output is 2.4W(17"TV)
When VCC=12V,RL=8 W,Output is 1.2W(12"TV)
* Linear volume control
* Low harmonic distortion
* Differential peak detector
* Attenuation circuit for noise suppression(Typical80dB)
DIP-14H
APPLICATION CIRCUIT
6
11
8
9
10
5
7
4
3
14
12
13
1
2
attenuator
IF voltage
regulation
IF amplifier
limiter
Mute
Frequency
discreminator
Power AMP
output
TAB
RB
220 mF
4.7 mF
0.015 mF
IF discreminator
output
IF power
input
Deweighting
Vcc
100 mF
330 mF
47 mF
470pF
22W
10pF
22kW
VR
5kW
270W
Volume
control
Input
coil
FM
discreminator
coil
Decoupling
Bootstrap
Power for
audio output
Negative
Feedback
Fig 1
Contek
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com


Similar Part No. - PC1353

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PC1353 UTC-PC1353 Datasheet
97Kb / 5P
LINEAR INTEGRATED CIRCUIT
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
More results

Similar Description - PC1353

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
Integrated Circuit TV Video Signal Processing Circuit
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
Integrated Circuit TV Video Processing Circuit
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
Integrated Circuit Color TV Processing Circuit
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Panasonic Semiconductor
AN5431 PANASONIC-AN5431 Datasheet
92Kb / 3P
Color TV Deflection Signal Processing Circuit
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
Video Signal Processing Circuit for TV Cameras
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
Digital audio processing circuit
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
Digital Control Audio Processing Circuit
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
Digital Control Audio Processing Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com