Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC1353 Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # PC1353
Description  TV AUDIO PROCESSING CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

PC1353 Datasheet(HTML) 3 Page - Linear Integrated Systems

  PC1353 Datasheet HTML 1Page - Linear Integrated Systems PC1353 Datasheet HTML 2Page - Linear Integrated Systems PC1353 Datasheet HTML 3Page - Linear Integrated Systems PC1353 Datasheet HTML 4Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC1353
LINEAR INTEGRATED CIRCUIT
3
3.AUDIO POWER AMPLIFIER(VCC=12V,RB=100W,RL=8W,f=400HZ,RG=600W)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Gain
GVAF
Vi=30mVrms
33
37
41
dB
Output Power
POA
THD=10%
0.9
1.2
W
Output Power
POB
VCC=18V,RB=330W
THD=10%
2.0
2.4
W
Distortion
THD2A
PO=0.5W
0.6
2.0
%
Distortion
THD2B
VCC=18V,RB=330W
PO=0.5W
0.5
2.0
%
Total Distortion(IF+Audio)
THD3
PO=0.5W
Vi=10mVrms
v1.5
4.0
%
TEST CIRCUIT
3
7
4
11
14
6
5
2
10
8
1
12
13
TAB
9
V1
V14
V5
I5
VV
KF
I10
KF
VV
VV
VV
Amp
Gain
60dB
220 mF
330 mF
220 mF
10pF
0.022 mF
0.01 mF
47 mF47 mF
0.015 mF
47 mF
47 mF
100 mF
600W
22kW
5kW
RG=50W
Audio signal
f=400Hz
DCM
DVM
DVM
IF signal
f=6.5MHz
RB
S4
S3
S1
S2
RB : Vcc 12V:100W
Vcc 18V:330W
KF
VV AC voltmeter
Distortion
meter
Contek PC1353
Vcc
12V or 18V
Fig 2
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com