Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8335 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices AD8335 Datasheet HTML 18Page - Analog Devices AD8335 Datasheet HTML 19Page - Analog Devices AD8335 Datasheet HTML 20Page - Analog Devices AD8335 Datasheet HTML 21Page - Analog Devices AD8335 Datasheet HTML 22Page - Analog Devices AD8335 Datasheet HTML 23Page - Analog Devices AD8335 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8335
Rev. 0 | Page 20 of 24
APPLICATIONS
ULTRASOUND
The primary application for the AD8335 is medical ultrasound.
Figure 57 shows a simplified block diagram of an ultrasound
system. The most critical function of an ultrasound system is
the time gain control (TGC) compensation for physiological
signal attenuation. Because the attenuation of ultrasound signals
is exponential with respect to distance (time), a linear-in-dB
VGA is the optimal solution.
Key requirements in an ultrasound signal chain are very low
noise, active input termination, fast overload recovery, low
power, and differential drive to an ADC. Because ultrasound
machines use beamforming techniques requiring large binary
weighted numbers (for example, 32 to 512) of channels, the
lowest power at the lowest possible noise is of key importance.
Most modern machines use digital beamforming. In this
technique, the signal is converted to digital format immediately
following the TGC amplifier; beamforming is done digitally.
Typical ADC resolution in general purpose machines is 10 bits
with sampling rates greater than 40 MSPS, while high end
systems use 12 bits.
Power consumption and low cost are of primary importance in
low-end and portable ultrasound machines, and the AD8335 is
designed for these criteria.
For additional information regarding ultrasound systems, refer
to “How Ultrasound System Considerations Influence Front-
End Component Choice”, Analog Dialogue, Vol. 36, No. 3,
May–July 2003.
(http://www.analog.com/library/analogDialogue/archives/36-
03/ultrasound/index.html)
BEAMFORMER
CENTRAL CONTROL
Rx BEAMFORMER
(B AND F MODES)
COLOR
DOPPLER (PW)
PROCESSING
(F MODE)
IMAGE AND
MOTION
PROCESSING
(B MODE)
SPECTRAL
DOPPLER
PROCESSING
MODE
DISPLAY
AUDIO
OUTPUT
TX BEAMFORMER
CW (ANALOG)
BEAMFORMER
LNAs
TRANSDUCER
ARRAY
128, 256 ETC.
ELEMENTS
BIDIRECTIONAL
CABLE
HV
MUX/
DEMUX
T/R
SWITCHES
TX HV AMPs
MULTICHANNEL
TGC USES MANY VGAs
TGC
TIME GAIN COMPENSATION
VGAs
AD8335
Figure 57. Simplified Ultrasound System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com