Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8335 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8335
Description  Quad Low Noise, Low Cost Variable Gain Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8335 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8335 Datasheet HTML 16Page - Analog Devices AD8335 Datasheet HTML 17Page - Analog Devices AD8335 Datasheet HTML 18Page - Analog Devices AD8335 Datasheet HTML 19Page - Analog Devices AD8335 Datasheet HTML 20Page - Analog Devices AD8335 Datasheet HTML 21Page - Analog Devices AD8335 Datasheet HTML 22Page - Analog Devices AD8335 Datasheet HTML 23Page - Analog Devices AD8335 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8335
Rev. 0 | Page 23 of 24
INPUT OVERDRIVE
Excellent overload behavior is of primary importance in ultra-
sound. Both the preamplifier and VGA have built-in overdrive
protection and quickly recover after an overload event.
Input Overload Protection
As with any amplifier, voltage clamping prior to the inputs is
highly recommended if the application is subject to high
transient voltages.
A block diagram of a simplified ultrasound transducer interface
is shown in Figure 59. A common transducer element serves the
dual functions of transmit and receive of ultrasound energy.
During the transmit phase, high voltage pulses are applied to
the ceramic elements. A typical T/R (transmit/receive) switch
may consist of four high voltage diodes in a bridge configuration.
Although they ideally block transmit pulses from the sensitive
receiver input, diode characteristics are not ideal, and resulting
leakage transients impinging on the PIPx inputs can be
problematic.
Since ultrasound is a pulse system, and time-of-flight is used to
determine depth, quick recovery from input overloads is essential.
Overload can occur in the preamp and the VGA. Immediately
following a transmit pulse, the typical VGA gains are low, and
the PrA is subject to overload from T/R switch leakage. With
increasing gain, the VGA can become overloaded from strong
echoes that occur with near field echoes and acoustically dense
materials, such as bone.
Figure 59 illustrates an external overload protection scheme. A
pair of back-to-back Schottky diodes is installed prior to installing
the ac-coupling capacitors. Although the BAS40 is shown, many
types are available and merit investigation by the user. With such
diodes, clamping levels of ±0.5 V or less greatly enhance the
system overload performance.
PrA
18dB
Rs
TRANSDUCER
–HV
BAS40-04
PMDx
PIPx
PONx
POPx
OPTIONAL
SCHOTTKY
OVERLOAD
CLAMP
RFB
3
2
1
+HV
Figure 59. Input Overload Protection
LOGIC INPUTS
The enable Pins EN12 and EN34, the preamp shutdown Pins SP12
and SP34, and the HILO Pins HL12 and HL34 are all logic inputs
of the AD8335. The enable inputs turn on and off each of the
corresponding pairs of channels; the preamp shutdown pins do
the same for the preamplifiers only; inputs HL12 and HL34 set
the HILO gain for Channels 1 and 2, and Channels 3 and 4,
respectively.
Shutting down the preamplifiers allows use of the VGAs alone,
while reducing power consumption. The VGAs cannot be shut
down independently. The SPxx (shutdown preamp) pins are
logic high; thus the pins are grounded to enable the preamplifiers.
The pins can be enabled by connecting to the supply or to
ground for fixed enable or disable, or to the output of a logic
device. Be sure to check the data sheet of the device for voltage
and current requirements.
COMMON-MODE PINS
The common-mode Pins VCMx are provided for bypassing the
internal common-mode reference for each channel to ground.
They require a capacitor at each of the four pins and can neither
be connected together nor driven by an external source.
DRIVING ADCs
The AD8335 VGA is designed to drive 10-bit and 12-bit ADCs
with minimal extra components. Because the AD8335 is a single
supply 5 V part and many of the newest ADCs operate from a
3 V supply, dissimilar common-mode voltages exist between the
VGA output and the ADC input. This level shift is most easily
accommodated by ac coupling, especially if the signal is filtered,
as is the case in most ultrasound and communications
applications.
When an anti-aliasing filter (AAF) is called for, it is advantageous
to implement a differential configuration. A fully differential
AAF requires approximately 1.5 times the number of components
than a single-ended filter, because the components that in the
single-ended case are tied to ground, now connect across the
differential signal path. Although the series components double,
the component count for the differential filter is more economical
when compared to simply building a pair of single-ended filters
requiring twice as many components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com