Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8387JSVZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8387JSVZ
Description  High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8387JSVZ Datasheet(HTML) 4 Page - Analog Devices

  AD8387JSVZ Datasheet HTML 1Page - Analog Devices AD8387JSVZ Datasheet HTML 2Page - Analog Devices AD8387JSVZ Datasheet HTML 3Page - Analog Devices AD8387JSVZ Datasheet HTML 4Page - Analog Devices AD8387JSVZ Datasheet HTML 5Page - Analog Devices AD8387JSVZ Datasheet HTML 6Page - Analog Devices AD8387JSVZ Datasheet HTML 7Page - Analog Devices AD8387JSVZ Datasheet HTML 8Page - Analog Devices AD8387JSVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8387
Rev. 0 | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
VIDEO OUTPUT CHARACTERISTICS
Output Voltage Swing
AVCC − VOH, VOL − AGND
0.9
1.3
V
Output Voltage—Grounded Mode
0.06
0.150
V
Data Switching Delay: t75
VIDx = 5 V step
15.7
ns
Data Switching Delay Skew: Δt75
4
ns
INV Switching Delay: t86
VIDx = 10 V step
16.2
ns
INV Switching Delay Skew: Δt86
4
ns
Output Current
100
mA
Output Resistance
28
Ω
REFERENCE INPUTS
VRL Range
VRH ≥ VRL
5.25
AVCC − 4
V
VRH Range
VRH ≥ VRL
VRL
VRL + 2.75
V
VRH to VRL Range1
0
2.75
V
VRH Input Resistance
To VRL
22
VRL Input Current
−44
μA
VRH Input Current
111
μA
RESOLUTION
Binary Coding
12
Bits
DIGITAL INPUT CHARACTERISTICS
TA MIN to TA MAX
CLK input duty cycle 40% to 60%
CLK Frequency
DSW = HIGH
110
MHz
DSW = LOW
85
MHz
Data Setup Time: t1
0
ns
XFR Setup Time: t3
0
ns
Data Hold Time: t2
3.5
ns
XFR Hold Time: t4
3.5
ns
CLK High Time: t5
DSW = HIGH
2.5
ns
CLK Low Time: t6
DSW = HIGH
3.0
ns
CLK High Time: t7
DSW = LOW
3.5
ns
CLK Low Time: t8
DSW = LOW
4.0
ns
CIN
3
pF
IIH
0.05
μA
IIH TSW
333
μA
IIH XFR
0.05
μA
IIL
−0.6
μA
IIL TSW
−1.3
μA
IIL XFR
−1.2
μA
VIH
2
V
VIL
0.8
V
VTH
1.65
V
POWER SUPPLIES
DVCC, Operating Range
3
3.3
3.6
V
DVCC, Quiescent Current
54
70
mA
AVCC, Operating Range
11
18
V
AVCC, Quiescent Current
75
100
mA
OPERATING TEMPERATURE
Ambient Temperature Range, TA7
Still air, TSW = LOW
0
75
°C
Ambient Temperature Range, TA7
200 lfm airflow, TSW = LOW
0
85
°C
1 VDE = differential error voltage, VCME = common-mode error voltage, ΔVDE = VDE matching between outputs, ΔV = maximum deviation between outputs, and full-scale output
voltage = VFS = 2 × (VRH − VRL). See the Accuracy section.
2 Guaranteed monotonic by characterization to four sigma limits.
3 Measured on two outputs differentially as CLK and DBx(0:11) are driven and XFR is held LOW.
4 Measured on two outputs differentially as the others are transitioning by 5 V. Measured for both states of INV.
5 Measured from 50% of rising CLK edge to 50% of output change. Measurement is made for both states of INV.
6 Measured from 50% of INV transition to 50% of output change.
7 Operation at elevated ambient temperature requires a thermally optimized PCB and additional thermal management, such as airflow across the surface of the AD8387.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com