Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWDMLN34.EC Datasheet(PDF) 10 Page - ams AG

Part # KWDMLN34.EC
Description  This compact LED device is part of the SYNIOS P2720 family.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KWDMLN34.EC Datasheet(HTML) 10 Page - ams AG

Back Button KWDMLN34.EC Datasheet HTML 6Page - ams AG KWDMLN34.EC Datasheet HTML 7Page - ams AG KWDMLN34.EC Datasheet HTML 8Page - ams AG KWDMLN34.EC Datasheet HTML 9Page - ams AG KWDMLN34.EC Datasheet HTML 10Page - ams AG KWDMLN34.EC Datasheet HTML 11Page - ams AG KWDMLN34.EC Datasheet HTML 12Page - ams AG KWDMLN34.EC Datasheet HTML 13Page - ams AG KWDMLN34.EC Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
KW DMLN34.EC
10 Version 1.1 | 2020-07-30
Forward current 6)
I
F = f(VF);
KW DMLN34.EC
2,52,6
2,83,0
3,2
VF /V
5
50
100
150
200
250
300
IF /mA
Relative Luminous Flux 6), 7)
Φ
v/Φv(65 mA) = f(IF);
KW DMLN34.EC
IF /mA
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
ΦV
ΦV(65mA)
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(I
F);
KW DMLN34.EC
IF /mA
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com