Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KWDMLN34.EC Datasheet(PDF) 5 Page - ams AG

Part # KWDMLN34.EC
Description  This compact LED device is part of the SYNIOS P2720 family.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

KWDMLN34.EC Datasheet(HTML) 5 Page - ams AG

  KWDMLN34.EC Datasheet HTML 1Page - ams AG KWDMLN34.EC Datasheet HTML 2Page - ams AG KWDMLN34.EC Datasheet HTML 3Page - ams AG KWDMLN34.EC Datasheet HTML 4Page - ams AG KWDMLN34.EC Datasheet HTML 5Page - ams AG KWDMLN34.EC Datasheet HTML 6Page - ams AG KWDMLN34.EC Datasheet HTML 7Page - ams AG KWDMLN34.EC Datasheet HTML 8Page - ams AG KWDMLN34.EC Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
KW DMLN34.EC
5 Version 1.1 | 2020-07-30
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 65 mA
I
F = 65 mA
I
F = 65 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
5GF
19.0 lm
21.2 lm
6.6 cd
6G
20.1 lm
22.4 lm
7.0 cd
6GF
21.2 lm
23.7 lm
7.4 cd
7G
22.4 lm
25.0 lm
7.8 cd
7GF
23.7 lm
26.5 lm
8.3 cd
8G
25.0 lm
28.0 lm
8.7 cd
8GF
26.5 lm
29.7 lm
9.3 cd
5H
28.0 lm
31.5 lm
9.8 cd
5HF
29.7 lm
33.4 lm
10.4 cd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 65 mA
I
F = 65 mA
min.
max.
V
F
V
F
S4
2.40 V
2.60 V
W4
2.60 V
2.80 V
24
2.80 V
3.00 V
64
3.00 V
3.20 V
84
3.20 V
3.40 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com