Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9481 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9481
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9481 Datasheet HTML 8Page - Analog Devices AD9481 Datasheet HTML 9Page - Analog Devices AD9481 Datasheet HTML 10Page - Analog Devices AD9481 Datasheet HTML 11Page - Analog Devices AD9481 Datasheet HTML 12Page - Analog Devices AD9481 Datasheet HTML 13Page - Analog Devices AD9481 Datasheet HTML 14Page - Analog Devices AD9481 Datasheet HTML 15Page - Analog Devices AD9481 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD9481
Rev. 0 | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD, DRVDD = 3.3 V, T = 25°C, AIN differential drive, FS = 1, internal reference mode, unless otherwise noted.
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
040
80
20
60
100
120
(MHz)
SNR = 45.8dB
H2 = –65.2dBc
H3 = –63.2dBc
SFDR = 63.2dBc
Figure 4. FFT: fS = 250 MSPS, AIN = 10.3 MHz @ −1 dBFS
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
040
80
20
60
100
120
(MHz)
SNR = 45.8dB
H2 = –68.5dBc
H3 = –63.5dBc
SFDR = 63.8dBc
Figure 5. FFT: fS = 250 MSPS, AIN = 70 MHz @ −1 dBFS
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
040
80
20
60
100
120
(MHz)
SNR = 45.9dB
H2 = –66.6dBc
H3 = –70.1dBc
SFDR = 65.9dBc
Figure 6. FFT: fS = 250 MSPS, AIN = 70 MHz @ −1 dBFS, Single-Ended Input
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
040
80
20
60
100
120
(MHz)
SNR = 45.6dB
H2 = –72.9dBc
H3 = –65.2dBc
SFDR = 59.6dBc
Figure 7. FFT: fS = 250 MSPS, AIN = 170 MHz @ −1 dBFS
90
85
80
75
70
65
60
55
50
45
40
0
400
350
300
250
200
150
100
50
AIN (MHz)
H3
SFDR
SNR
SINAD
H2
Figure 8. Analog Input Frequency Sweep,
AIN = −1 dBFS, FS = 1 V, fS = 250 MSPS
90
85
80
75
70
65
60
55
50
45
40
0
400
350
300
250
200
150
100
50
AIN (MHz)
H3
SNR
SINAD
H2
SFDR
Figure 9. Analog Input Frequency Sweep,
AIN =−1 dBFS, FS = 0.75 V, fS = 250 MSPS, External VREF Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com