Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9481 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9481
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9481 Datasheet HTML 15Page - Analog Devices AD9481 Datasheet HTML 16Page - Analog Devices AD9481 Datasheet HTML 17Page - Analog Devices AD9481 Datasheet HTML 18Page - Analog Devices AD9481 Datasheet HTML 19Page - Analog Devices AD9481 Datasheet HTML 20Page - Analog Devices AD9481 Datasheet HTML 21Page - Analog Devices AD9481 Datasheet HTML 22Page - Analog Devices AD9481 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD9481
Rev. 0 | Page 19 of 28
External Reference
An external reference can be used for greater accuracy and
temperature stability when required. The gain of the AD9481
can also be varied using this configuration. A voltage output
DAC can be used to set VREF, providing for a means to digitally
adjust the full-scale voltage. VREF can be externally set to
voltages from 0.75 V to 1.5 V; optimum performance is typically
obtained at VREF = 1 V. (See the Typical Performance
Characteristics section.)
MAY REQUIRE
RC FILTER
AVDD
EXTERNAL
REFERENCE OR
DAC INPUT
VREF
SENSE
Figure 35. External Reference
Programmable Reference
The programmable reference can be used to set a differential
input span anywhere between 0.75 V p-p and 1.5 V p-p by using
an external resistor divider. The SENSE pin self-biases to 0.5 V,
and the resulting VREF is equal to 0.5 × (1 + R1/R2). It is
recommended to keep the sum of R1 + R2 ≥ 10 kΩ to limit
VREF loading (for VREF = 1.5 V, set R1 equal to 7 kΩ and R2
equal to 3.5 kΩ).
0.1
µF
R1
R2
10
µF
VREF
SENSE
Figure 36. Programmable Reference
CLOCKING THE AD9481
Any high speed ADC is extremely sensitive to the quality of the
sampling clock provided by the user. A track-and-hold circuit is
essentially a mixer, and any noise, distortion, or timing jitter on
the clock is combined with the desired signal at the A/D output.
Considerable care has been taken in the design of the CLOCK
input of the AD9481, and the user is advised to give
commensurate thought to the clock source.
The AD9481 has an internal clock duty cycle stabilization
circuit that locks to the rising edge of CLOCK and optimizes
timing internally for sample rates between 100 MSPS and
250 MSPS. This allows for a wide range of input duty cycles at
the input without degrading performance. Jitter on the rising
edge of the input is still of paramount concern and is not
reduced by the internal stabilization circuit. The duty cycle
control loop does not function for clock rates less than 70 MHz
nominally. The loop has a time constant associated with it that
needs to be considered in applications where the clock rate can
change dynamically, requiring a wait time of 5 µs after a
dynamic clock frequency increase before valid data is available.
The clock duty cycle stabilizer can be disabled at Pin 28 (S1).
The clock inputs are internally biased to 1.5 V (nominal) and
support either differential or single-ended signals. For best
dynamic performance, a differential signal is recommended. An
MC100LVEL16 performs well in the circuit to drive the clock
inputs (ac coupling is optional). If the clock buffer is greater
than two inches from the ADC, a standard LVPECL
termination may be required instead of the simple pull-down
termination shown in Figure 37.
AD9481
CLK+
0.1
µF
0.1
µF
510k
Ω
510k
Ω
PECL
GATE
CLK–
Figure 37. Clocking the AD9481
DS INPUTS
The data sync inputs (DS+, DS−) can be used in applications
which require that a given sample appear at a specific output
port (A or B) relative to a given external timing signal.
The DS inputs can also be used to synchronize two or more
ADCs in a system to maintain phasing between Ports A and B on
separate ADCs (in effect, synchronizing multiple DCO outputs).
The DS inputs are internally biased to 1.5 V (nominal) and
support either differential or single-ended signals. When DS+ is
held high (DS− low), the ADC data outputs and DCO outputs
do not switch and are held static. Synchronization is
accomplished by the assertion (falling edge) of DS+ within the
timing constraints tSDS and tHDS, relative to a clock rising edge.
(On initial synchronization, tHDS is not relevant.) If DS+ falls
within the required setup time (tSDS) before a given clock rising
edge N, the analog value at that point in time is digitized and
available at Port A, eight cycles later in interleaved mode. The
next sample, N + 1, is sampled by the next rising clock edge and
available at Port B, eight cycles after that clock edge.
Driving each ADC’s DS inputs by the same sync signal
accomplishes synchronization between multiple ADCs. In
applications which require synchronization, one-shot
synchronization is recommended. An easy way to accomplish
synchronization is by a one-time sync at power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com