Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9705BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 29Page - Analog Devices AD9705BCPZ Datasheet HTML 30Page - Analog Devices AD9705BCPZ Datasheet HTML 31Page - Analog Devices AD9705BCPZ Datasheet HTML 32Page - Analog Devices AD9705BCPZ Datasheet HTML 33Page - Analog Devices AD9705BCPZ Datasheet HTML 34Page - Analog Devices AD9705BCPZ Datasheet HTML 35Page - Analog Devices AD9705BCPZ Datasheet HTML 36Page - Analog Devices AD9705BCPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 33 of 52
Table 19. MEMRDWR—Register 0x0F
Bit Name
Bit
Direction (I/O)
Default
Description
CALSTAT
7
O
0
1: Calibration cycle complete
CALEN
6
I
0
1: Initiate device self-calibration
SMEMWR
3
I
0
1: Write to static memory (calibration coefficients)
SMEMRD
2
I
0
1: Read from static memory (calibration coefficients)
UNCAL
0
I
0
1: Reset calibration coefficients to default (uncalibrated)
Table 20. MEMADDR—Register 0x10
Bit Name
Bit
Direction (I/O)
Default
Description
MEMADDR[5:0]
[5:0]
I/O
000000
Address of static memory to be accessed
Table 21. MEMDATA—Register 0x11
Bit Name
Bit
Direction (I/O)
Default
Description
MEMDATA[5:0]
[5:0]
I/O
111111
Data for static memory access
Table 22. TRIM—Register 0x14
Bit Name
Bit
Direction (I/O)
Default
Description
CALDACFS
4
I
0
0: Calibration DAC full-scale uses AVDD
1: Calibration DAC full-scale uses AVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com