Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3D08065A Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # C3D08065A
Description  3rd Generation 650 V, 8 A Silicon Carbide Schottky
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D08065A Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  C3D08065A Datasheet HTML 1Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 2Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 3Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 4Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 5Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 6Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 7Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 8Page - WOLFSPEED, INC. C3D08065A Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
Rev. 6, March 2023
C3D08065A
Electrical Characteristics
Parameter
Symbol
Typ.
Max.
Unit
Test Conditions
Notes
Forward Voltage
V
F
1.5
1.8
V
I
F = 8 A, Tj = 25 °C
Fig. 1
2.1
2.4
I
F = 8 A, Tj = 175 °C
Reverse Current
I
R
10
51
µ
A
V
R = 650 V, Tj = 25 °C
Fig. 2
12
204
V
R = 650 V, Tj = 175 °C
Total Capacitive Charge
Q
C
20
nC
V
R = 650 V, Tj = 25 °C
Fig. 5
Total Capacitance
C
395
pF
V
R = 0 V, Tj = 25 °C, f = 1 MHz
Fig. 6
37
V
R = 200 V, Tj = 25 °C, f = 1 MHz
32
V
R = 400 V, Tj = 25 °C, f = 1 MHz
Capacitance Stored Energy
E
C
3.0
µJ
V
R = 400 V
Fig. 7
Notes:
SiC Schottky Diodes are majority carrier devices, so there is no reverse recovery charge.
Thermal & Mechanical Characteristics
Parameter
Symbol
Value
Unit
Notes
Thermal Resistance, Junction to Case (Typical)
R
θ
, JC (TYP)
1.4
°C / W
Junction Temperature
T
j
-55 to +175
°C
Case & Storage Temperature
T
c
-55 to +175
TO-220 Mounting Torque
-
1
Nm
M3 Screw
8.8
lbf-in 6-32 Screw
Electrostatic Discharge (ESD) Classifications
Parameter
Symbol
Notes
Human Body Model
HBM
Class 3B (≥ 8000 V)
Class 3B (≥ 8000 V)
Charge Device Model
CDM
Class C3 (≥ 1000 V)
Class C3 (≥ 1000 V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com