Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9942BBCZRL Datasheet(PDF) 1 Page - Analog Devices

Part # AD9942BBCZRL
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL Datasheet(HTML) 1 Page - Analog Devices

  AD9942BBCZRL Datasheet HTML 1Page - Analog Devices AD9942BBCZRL Datasheet HTML 2Page - Analog Devices AD9942BBCZRL Datasheet HTML 3Page - Analog Devices AD9942BBCZRL Datasheet HTML 4Page - Analog Devices AD9942BBCZRL Datasheet HTML 5Page - Analog Devices AD9942BBCZRL Datasheet HTML 6Page - Analog Devices AD9942BBCZRL Datasheet HTML 7Page - Analog Devices AD9942BBCZRL Datasheet HTML 8Page - Analog Devices AD9942BBCZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Dual-Channel, 14-Bit CCD Signal Processor
with Precision Timing™ Core
AD9942
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
40 MHz correlated double sampler (CDS)
0 dB to 18 dB, 9-bit variable gain amplifier (VGA)
40 MSPS analog-to-digital converter (ADC)
Optical black clamp (CLPOB) with variable level control
Complete on-chip timing driver
Precision Timing core with <550 ps resolution
On-chip 3 V horizontal and RG drivers
4-phase H-clock mode
100-lead, 9 mm × 9 mm, CSP_BGA package
APPLICATIONS
Signal processor for dual-channel CCD outputs
Digital still cameras
Digital video cameras
High speed digital imaging applications
GENERAL DESCRIPTION
The AD9942 is a highly integrated dual-channel CCD signal
processor for digital still camera applications. Each channel is
specified at pixel rates of up to 40 MHz. The AD9942 consists of
a complete analog front end with analog-to-digital conversion,
combined with a programmable timing driver. The Precision
Timing core allows high speed clocks to be adjusted with
550 ps resolution.
The analog front end uses black level clamping and includes a
VGA, a 40 MSPS ADC, and a CDS. The timing driver provides
the high speed CCD clock drivers for RG_A and RG_B, as well
as the H1A to H4A and H1B to H4B outputs. The 6-wire serial
interface is used to program the AD9942.
Available in a space-saving, 9 mm × 9 mm, CSP_BGA package,
the AD9942 is specified over an operating temperature range of
−25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9942
SYNC
GENERATOR
PRECISION
TIMING
CORE
INTERNAL CLOCKS
HORIZONTAL
DRIVERS
RG_B
RG_A
H1A TO H4A
4
H1B TO H4B
4
HD_A VD_A HD_B VD_B
INTERNAL
REGISTERS
SL_A SDATA_A SL_B SDATA_B
SCK_A
SCK_B
CLI_A
CLI_B
CLAMP
DOUT_A
CCDIN_A
0dB
~ 18dB
VGA
ADC
CDS
14
CLAMP
DOUT_B
CCDIN_B
0dB
~ 18dB
VGA
ADC
CDS
14
REFT_B REFB_B
VREF_B
REFT_A REFB_A
VREF_A
Figure 1.


Similar Part No. - AD9942BBCZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
More results

Similar Description - AD9942BBCZRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9974 AD-AD9974 Datasheet
73Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
AD9973 AD-AD9973 Datasheet
68Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com