Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9942BBCZRL Datasheet(PDF) 27 Page - Analog Devices

Part # AD9942BBCZRL
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZRL Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9942BBCZRL Datasheet HTML 23Page - Analog Devices AD9942BBCZRL Datasheet HTML 24Page - Analog Devices AD9942BBCZRL Datasheet HTML 25Page - Analog Devices AD9942BBCZRL Datasheet HTML 26Page - Analog Devices AD9942BBCZRL Datasheet HTML 27Page - Analog Devices AD9942BBCZRL Datasheet HTML 28Page - Analog Devices AD9942BBCZRL Datasheet HTML 29Page - Analog Devices AD9942BBCZRL Datasheet HTML 30Page - Analog Devices AD9942BBCZRL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AD9942
Rev. A | Page 27 of 36
CHANNEL A AND CHANNEL B ANALOG FRONT END OPERATION
The AD9942 signal processing chain is shown in Figure 28.
Each processing step is essential for achieving a high quality
image from the raw CCD pixel data.
DC RESTORE
To reduce the large dc offset of the CCD output signal, a dc
restore circuit is used with an external 0.1 μF series coupling
capacitor. This restores the dc level of the CCDIN_X signal to
approximately 1.5 V to be compatible with the 3 V supply
voltage of the AD9942.
CORRELATED DOUBLE SAMPLER
The CDS circuit samples each CCD pixel twice to extract the
video information and reject low frequency noise. The timing
shown in Figure 17 illustrates how the two internally generated
CDS clocks, SHP and SHD, are used to sample the reference
level and the CCD signal level, respectively. The placement of
the SHP and SHD sampling edges is determined by the setting
of the SAMPCONTROL register located at Address 0x63.
Placement of these two clock signals is critical for achieving the
best performance from the CCD.
CCDIN_X
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
ADC
DAC
8
CDS
INTERNAL
VREF
2V FULL SCALE
0dB ~ 18dB
SHP
SHD
VGA1
1.5V
OUTPUT
DATA
LATCH
REFT_X
REFB_X
DOUT
PHASE
PBLK
1.0V
2.0V
DOUT
AD9942
1.0µF 1.0µF
1.0µF
VGA GAIN
REGISTERS
CLAMP LEVEL
REGISTER
14
CLPOB PBLK
V-H
TIMING
GENERATION
SHP SHD
DOUT
PHASE
PRECISION
TIMING
GENERATION
Figure 28. Channel A and Channel B Analog Front End Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com