Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031VEC Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031VEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031VEC Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CLC031VEC Datasheet HTML 15Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 16Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 17Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 18Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 19Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 20Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 21Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 22Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Device Operation (Continued)
TABLE 2. Control Register Bit Assignments (Continued)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ANC FIFO
90% FULL
SHORT MSG
DETECT
ANC PARITY
MASK
reserved
reserved
reserved
reserved
VANC
FORMAT 0 (register address 0Bh)
FRAMING
MODE
SD ONLY
HD ONLY
FORMAT
SET(4)
FORMAT
SET(3)
FORMAT
SET(2)
FORMAT
SET(1)
FORMAT
SET(0)
FORMAT 1 (register address 0Ch)
F
V
H
FORMAT(4)
FORMAT(3)
FORMAT(2)
FORMAT(1)
FORMAT(0)
TEST 0 (register address 0Dh)
PASS/FAIL
TPG ENABLE
TEST
PATTERN
SELECT(5)
TEST
PATTERN
SELECT(4)
TEST
PATTERN
SELECT(3)
TEST
PATTERN
SELECT(2)
TEST
PATTERN
SELECT(1)
TEST
PATTERN
SELECT(0)
VIDEO INFO 0 (register address 0Eh)
DE-DITHER
ENABLE
VERT.
DE-DITHER
ENABLE
VPG FILTER
ENABLE
LOCK
DETECT
EAV
SAV
NSP
FRAMING
ENABLE
VIDEO CONTROL 0 (register address 55h)
reserved
EXTERNAL
V
CLK
SYNC DETECT
ENABLE
LSB CLIP
ENABLE
reserved
NRZI
ENABLE
DE-Scramble
ENABLE
reserved
REFERENCE CLOCK (register address 67h)
reserved
reserved
reserved
reserved
reserved
INT_OSC EN
CLK EN
reserved
MULTI-FUNCTION I/O BUS PIN CONFIGURATION
I/O PIN 0 CONFIG (register address 0Fh)
reserved
reserved
PIN 0 SEL[5]
PIN 0 SEL[4]
PIN 0 SEL[3]
PIN 0 SEL[2]
PIN 0 SEL[1]
PIN 0 SEL[0]
I/O PIN 1 CONFIG (register address 10h)
reserved
reserved
PIN 1 SEL[5]
PIN 1 SEL[4]
PIN 1 SEL[3]
PIN 1 SEL[2]
PIN 1 SEL[1]
PIN 1 SEL[0]
I/O PIN 2 CONFIG (register address 11h)
reserved
reserved
PIN 2 SEL[5]
PIN 2 SEL[4]
PIN 2 SEL[3]
PIN 2 SEL[2]
PIN 2 SEL[1]
PIN 2 SEL[0]
I/O PIN 3 CONFIG (register address 12h)
reserved
reserved
PIN 3 SEL[5]
PIN 3 SEL[4]
PIN 3 SEL[3]
PIN 3 SEL[2]
PIN 3 SEL[1]
PIN 3 SEL[0]
I/O PIN 4 CONFIG (register address 13h)
reserved
reserved
PIN 4 SEL[5]
PIN 4 SEL[4]
PIN 4 SEL[3]
PIN 4 SEL[2]
PIN 4 SEL[1]
PIN 4 SEL[0]
I/P PIN 5 CONFIG (register address 14h)
reserved
reserved
PIN 5 SEL[5]
PIN 5 SEL[4]
PIN 5 SEL[3]
PIN 5 SEL[2]
PIN 5 SEL[1]
PIN 5 SEL[0]
I/O PIN 6 CONFIG (register address 15h)
reserved
reserved
PIN 6 SEL[5]
PIN 6 SEL[4]
PIN 6 SEL[3]
PIN 6 SEL[2]
PIN 6 SEL[1]
PIN 6 SEL[0]
I/O PIN 7 CONFIG (register address 16h)
reserved
reserved
PIN 7 SEL[5]
PIN 7 SEL[4]
PIN 7 SEL[3]
PIN 7 SEL[2]
PIN 7 SEL[1]
PIN 7 SEL[0]
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com