Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC031VEC Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031VEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031VEC Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button CLC031VEC Datasheet HTML 16Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 17Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 18Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 19Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 20Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 21Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 22Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 23Page - National Semiconductor (TI) CLC031VEC Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Device Operation (Continued)
TABLE 3. Control Register Addresses
Register Name
Address
Hexadecimal
EDH 0
01
EDH 1
02
EDH 2
03
ANC 0
04
ANC 1
05
ANC 2
06
ANC 3
07
ANC 4
08
ANC 5
17
ANC 6
18
FORMAT 0
0B
FORMAT 1
0C
TEST 0
0D
VIDEO INFO 0
0E
I/O PIN 0 CONFIG
0F
I/O PIN 1 CONFIG
10
I/O PIN 2 CONFIG
11
I/O PIN 3 CONFIG
12
I/O PIN 4 CONFIG
13
I/O PIN 5 CONFIG
14
I/O PIN 6 CONFIG
15
I/O PIN 7 CONFIG
16
VIDEO CONTROL 0
55
VIDEO CONTROL 1
56
REFERENCE CLOCK
67
EDH 0 (register 01h)
The EDH Full-Field flags F/F UES, F/F IDA, F/F IDH, F/F
EDA andF/F EDH are defined in SMPTE RP 165. The flags
are updated automatically when the EDH function is enabled
and data is being received.
The EDH ENABLE bit, when set, enables operation of the
EDH generator function during SD operation. The default
condition of this bit is set (ON).
The EDH FORCE bit, when set, causes updated EDH pack-
ets to be inserted in the parallel output data regardless of the
previous condition of EDH checkwords and flags in the input
serial data. This function may be used in situations where
video content has been edited thus making the previous
EDH information invalid. The default condition of this bit is
reset (OFF).
The CRC ERROR bit indicates that errors in either the EDH
checksums (SD) or CRC checkwords (HD) were detected in
the serial input data. This bit is a combined function which
indicates the presence of either EDH errors during SD op-
eration or CRC errors during HD operation.
EDH 1 (register 02h)
The EDH Active Picture flags A/P UES, A/P IDA, A/P IDH,
A/P EDA andA/P EDH are defined in SMPTE RP 165. The
flags are updated automatically when the EDH function is
enabled and data is being received.
Specific types of CRC errors in incoming HD serial data are
reported in the CRC ERROR LUMA and CRC ERROR
CHROMA bits.
The CRC REPLACE bit, when set, causes the CRCs in the
incoming data to be replaced with CRCs calculated by the
CLC031. The bit is normally reset (OFF).
EDH 2 (register 03h)
The EDH Ancilliary Data flags ANC UES, ANC IDA, ANC
IDH, ANC EDA andANC EDH are defined in SMPTE RP
165. The flags are updated automatically when the EDH
function is enabled and data is being received.
The status of EDH flag errors in incoming SD serial data are
reported in the ffFlagError, apFlagError and ancFlagError
bits. Each of these bits is the logical-OR of the correspond-
ing EDH and EDA flags.
ANC 0 (Address 04h)
The V FIFO Depth[2:0] bits control the depth of the video
FIFO which preceeds the parallel output data drivers. The
depth can be set from 0 to 4 stages by writing the corre-
sponding binary code into these bits. For example: to set the
Video FIFO depth at two registers, load 11010XXXXXb into
the ANC 0 control register (where X represents the other
functional bits of this register).
Note: When changing some but not all bits in a register and
to retain unchanged other data previously stored in the
register, read the register’s contents and logically-OR this
with the new data. Then write the modified data back into the
register.
Flags for ANC FIFO EMPTY, ANC FIFO 90% FULL, ANC
FIFO FULL and ANC FIFO OVERRUN are available in the
configuration and control register set. These flags can also
be assigned as outputs on the multi-function I/O port. ANC
FIFO EMPTY when set indicates that the FIFO contains no
data. ANC FIFO 90% FULL indicates when the FIFO is at
90% of capacity. Since it is virtually impossible for the host
processor to begin extracting data from the FIFO after it has
been flagged as full without the possibility of an overrun
condition occurring, ANC FIFO 90% FULL is used as an
advanced command to the host to begin extracting data from
the FIFO. To be used properly, ANC FIFO 90% FULL should
be assigned as an output on the multi-function I/O port and
monitored by the host system. Otherwise, inadvertent loss of
ancilliary packet data could occur. ANC FIFO FULL when
set indicates that the FIFO registers are completely filled
with data.
The ANC FIFO OVERRUN flag indicates that an attempt to
write data into a full FIFO has occurred. ANC FIFO OVER-
RUN can be reset by reading the bit’s status via the
Ancilliary/Control port. If an overrun occurrs, the status of the
FIFO message tracking will be invalidated. In this event, the
FIFO should be flushed to reset the message tracking point-
ers. Any messages then in the FIFO will be lost.
The ANC Checksum Force bit, under certain conditions,
enables the overwriting of ancilliary data checksums re-
ceived in the data. Calculation and insertion of new ancilliary
data checksums is controlled by the ANC Checksum Force
bit. If a checksum error is detected (calculated and received
checksums do not match) and the ANC Checksum Force
bit is set, the ANC Checksum Error bit is set and a new
checksum is inserted in the ancilliary data replacing the
previous one. If a checksum error is detected and the ANC
Checksum Force bit is not set, the checksum mismatch is
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com