Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8701 Datasheet(PDF) 10 Page - ams AG

Part # TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 Datasheet(HTML) 10 Page - ams AG

Back Button TMF8701 Datasheet HTML 6Page - ams AG TMF8701 Datasheet HTML 7Page - ams AG TMF8701 Datasheet HTML 8Page - ams AG TMF8701 Datasheet HTML 9Page - ams AG TMF8701 Datasheet HTML 10Page - ams AG TMF8701 Datasheet HTML 11Page - ams AG TMF8701 Datasheet HTML 12Page - ams AG TMF8701 Datasheet HTML 13Page - ams AG TMF8701 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Datasheet, Public
Page 9
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Typical Operating Characteristics
Figure 9:
14kLux Halogen Light (100kLux Sunlight Equivalent)
Figure 10:
Field of Illumination of VCSEL (FOI), X-Axis: ±10.4°, Y-Axis: ±10.31°, 1/e2
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
14kLux Halog n Light (100kLux sunlight equivalent),
Measured Distance vs. Target Distance [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com