Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13053ASA/AUT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX13053ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13053ASA/AUT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX13053ASA/AUT Datasheet HTML 5Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 6Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 7Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 10Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 11Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 12Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
_______________________________________________________________________________________
9
Detailed Description
The MAX13050/MAX13052/MAX13053/MAX13054
±80V fault-protected CAN transceivers are ideal for
automotive and industrial network applications where
overvoltage protection is required. These devices pro-
vide a link between the CAN protocol controller and the
physical wires of the bus lines in a control area network
(CAN). These devices can be used for +12V and +42V
battery automotive and DeviceNet applications, requir-
ing data rates up to 1Mbps.
The MAX13050/MAX13052/MAX13053/MAX13054
dominant timeout prevents the bus from being blocked
by a hungup microcontroller. If the TXD input is held
low for greater than 1ms, the transmitter becomes dis-
abled, driving the bus line to a recessive state. The
MAX13054 +3.3V logic input allows the device to com-
municate with +3.3V logic, while operating from a +5V
supply. The MAX13050 and MAX13052 provide a split
DC-stabilized voltage. The MAX13053 has a reference
output that can be used to bias the input of a CAN con-
troller’s differential comparator.
All devices can operate up to 1Mbps (high-speed
mode). The MAX13052 slope-control feature allows the
user to program the slew rate of the transmitter for data
Pin Description
PIN
NAME
FUNCTION
1
1
1
1
TXD
Transmit Data Input. TXD is a CMOS/TTL-compatible input from a CAN controller
with a 25k
Ω pullup to VCC. For the MAX13054, TXD is pulled to VCC2.
2
2
2
2
GND
Ground
33
3
3
VCC
Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
4
4
4
4
RXD
Receive Data Output. RXD is a CMOS/TTL-compatible output from the physical
bus lines CANH and CANL. For the MAX13054, RXD output voltage is referenced
to the VCC2 supply voltage.
5
5
—
—
SPLIT
Common-Mode Stabilization Output. Output equaled to 0.5 x VCC. SPLIT goes
high impedance in standby mode .
6
6
6
6
CANL
CAN Bus-Line Low
7
7
7
7
CANH
CAN Bus-Line High
8
—
—
8
STBY
Standby Input. Drive STBY low for high-speed operation. Drive STBY high to
place the device in low-current standby mode.
—8
—
—
RS
Mode-Select Input. Drive RS low or connect to GND for high-speed operation.
Connect a resistor between RS and GND to control output slope. Drive RS high to
put into standby mode.
—
—
5
—
REF
Reference Output Voltage. Always on reference output voltage, set to 0.5 x VCC.
——
8
—
S
Silent-Mode Input. Drive S low to enable TXD and to operate in high-speed
mode. Drive S high to disable the transmitter.
——
—
5
VCC2
Logic-Supply Input. VCC2 is the logic supply voltage for the input/output between
the CAN transceiver and microprocessor. VCC2 allows fully compatible +3.3V
logic on all digital lines. Bypass to GND with a 0.1µF capacitor. Connect VCC2 to
VCC for 5V logic compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com