Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13053ASA/AUT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX13053ASA/AUT
Description  Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13053ASA/AUT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX13053ASA/AUT Datasheet HTML 1Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 2Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 3Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 4Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 5Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 6Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 7Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 8Page - Maxim Integrated Products MAX13053ASA/AUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (continued)
(VCC = +5V ±5%, VCC2 = +3V to +3.6V, RL = 60
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VCC = +5V, VCC2 = +3.3V, and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Dominant Time for Wake-Up with
Bus
tWAKE
Standby mode, VDIFF = +3V, Figure 2
0.75
1.5
3.00
µs
Delay STBY to Normal Mode
(DOMINANT)
tSTBY-
NORM
TXD = 0 (MAX13050, MAX13054)
FROM STBY falling to CANH - CANL = 0.9V
510
µs
TXD Dominant Timeout
tDOM
VTXD = 0
0.3
0.6
1.0
ms
Note 1: All currents into the device are positive, all currents out of the device are negative. All voltages are referenced to the device
ground, unless otherwise noted.
Note 2: Guaranteed by design, not production tested.
Note 3: MAX13050 tested by IBEE test facility. Please contact factory for report. MAX13052/MAX13053/MAX13054 are pending ESD
evaluation.
Note 4: For the MAX13052, VRS = 0.
0.9V
0.3 x VCC OR 0.3 x VCC2
0.7 x VCC OR 0.7 x VCC2
0.5V
tONTXD
tONRXD
tONLOOP
tOFFTXD
tOFFRXD
tOFFLOOP
RECESSIVE
DOMINANT
TXD
VDIFF
RXD
Timing Diagrams
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com