Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMS3302 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLMS3302
Description  Power SMD LED in PLCC-2 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3302 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLMS3302 Datasheet HTML 1Page - Vishay Siliconix TLMS3302 Datasheet HTML 2Page - Vishay Siliconix TLMS3302 Datasheet HTML 3Page - Vishay Siliconix TLMS3302 Datasheet HTML 4Page - Vishay Siliconix TLMS3302 Datasheet HTML 5Page - Vishay Siliconix TLMS3302 Datasheet HTML 6Page - Vishay Siliconix TLMS3302 Datasheet HTML 7Page - Vishay Siliconix TLMS3302 Datasheet HTML 8Page - Vishay Siliconix TLMS3302 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
VISHAY
TLMK / O / S / Y330.
Document Number 83201
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
5
Group Name on Label
One packing unit/tape contains only one classification group of luminous intensity, color and forward voltage
Only one single classification groups is not available
The given groups are not order codes, customer specific group combinations require marketing agreement
No color subgrouping for Super Red
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Luminous Intensity Group
Halfgroup
Wavelength
Forward Voltage
Z
b21
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
0
20
40
60
80
100
120
140
160
180
200
0
25
50
75
100
125
16783
RthJA = 400K/W
Tamb – Ambient Temperature ( C )
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
16784
RthJA = 400K/W
Tamb – Ambient Temperature ( C )
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
Figure 4. Relative Intensity vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
540 550 560 570 580 590 600 610 620 630 640
λ - Wavelength ( nm )
16008
Yellow



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com