Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMS3302 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TLMS3302
Description  Power SMD LED in PLCC-2 Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3302 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TLMS3302 Datasheet HTML 2Page - Vishay Siliconix TLMS3302 Datasheet HTML 3Page - Vishay Siliconix TLMS3302 Datasheet HTML 4Page - Vishay Siliconix TLMS3302 Datasheet HTML 5Page - Vishay Siliconix TLMS3302 Datasheet HTML 6Page - Vishay Siliconix TLMS3302 Datasheet HTML 7Page - Vishay Siliconix TLMS3302 Datasheet HTML 8Page - Vishay Siliconix TLMS3302 Datasheet HTML 9Page - Vishay Siliconix TLMS3302 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
6
Document Number 83201
Rev. 1.4, 31-Aug-04
VISHAY
TLMK / O / S / Y330.
Vishay Semiconductors
Figure 5. Change of Forward Voltage vs. Ambient Temperature
Figure 6. Relative Luminous Intensity vs. Amb. Temperature
Figure 7. Change of Dominant Wavelength vs. Ambient
Temperature
–200
–150
–100
–50
0
50
100
150
200
250
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17015
10 mA
30 mA
50 mA
Yellow
0.0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17016
Yellow
–6
–4
–2
0
2
4
6
–50
–25
0
25
50
75
100
Tamb – Ambient Temperature ( C )
17017
Yellow
Figure 8. Relative Luminous Intensity vs. Forward Current
Figure 9. Change of Dominant Wavelength vs. Forward Current
Figure 10. Relative Intensity vs. Wavelength
0.01
0.10
1.00
10.00
1.00
10.00
100.00
IF – Forward Current ( mA )
17018
Yellow
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
10
20
30
40
50
60
70
80
90 100
17019
IF – Forward Current ( mA )
Yellow
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
560 570 580 590 600 610 620 630 640 650 660
16314
Soft orange
λ- Wavelength ( nm )



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com