Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5534U Datasheet(PDF) 12 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CDB5534U Datasheet HTML 8Page - Cirrus Logic CDB5534U Datasheet HTML 9Page - Cirrus Logic CDB5534U Datasheet HTML 10Page - Cirrus Logic CDB5534U Datasheet HTML 11Page - Cirrus Logic CDB5534U Datasheet HTML 12Page - Cirrus Logic CDB5534U Datasheet HTML 13Page - Cirrus Logic CDB5534U Datasheet HTML 14Page - Cirrus Logic CDB5534U Datasheet HTML 15Page - Cirrus Logic CDB5534U Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
CDB5534U
12
DS289DB6
are displayed in the “Last Conversion” box, as well as the Channel and Overflow indicator bits for each
conversion. The software will halt the data collection process when the user selects the Stop button.
Configuration Register: In the Configuration Register box, the contents of the Configuration Register are
displayed, and can be modified by typing a hexadecimal value in the Hexadecimal: box, or by changing
any of the values below the Hexadecimal: box to the desired settings. Note: When changing the value of
the reset system bit to ‘1’ (RS, bit 29 in the Configuration Register), the part will be reset, and all registers
will return to their default values. It is a good idea to select the Update Registers button after performing
a reset to update the screen with the new register values.
Channel Setup Registers: In the Channel Setup Registers box, all four Channel Setup Registers are dis-
played in hexadecimal. These registers can be modified from the Channel Setup Register Window, which
is accessed by selecting the Edit CSRs button.
Channel Setup Register Window: In the Channel Setup Register Window (Figure 6), each of the four
CSRs can be decoded and modified. The blue box at the top of the window allows the user to switch be-
tween CSRs. Each 32-bit CSR contains two 16-bit “Setups” which are decoded in the two boxes below
the hexadecimal value. The currently displayed CSR can be modified by either typing a value directly in
the Hexadecimal: box or by changing the decoded values in the individual Setup boxes.
Figure 6. CDB5534U Channel Setup Register Window
Offset / Gain Registers: In the Offset Registers / Gain Registers box, the offset and gain registers for all
channels are displayed in hexadecimal. These registers can all be modified in the Calibration Window,
which is accessed when the user selects the Calibration Window button.
Calibration Window: The Calibration Window (Figure 7) permits the user to access the calibration reg-
isters for each channel of the CS5534 and also perform self and system offset or gain calibrations on any
of the channels. Prior to performing calibrations however, the Channel Setup Registers should be modi-
fied to configure the part for the desired operating mode (see the section on the Channel Setup Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com