Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5534U Datasheet(PDF) 16 Page - Cirrus Logic

Part # CDB5534U
Description  Evaluation Board and Software
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5534U Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CDB5534U Datasheet HTML 12Page - Cirrus Logic CDB5534U Datasheet HTML 13Page - Cirrus Logic CDB5534U Datasheet HTML 14Page - Cirrus Logic CDB5534U Datasheet HTML 15Page - Cirrus Logic CDB5534U Datasheet HTML 16Page - Cirrus Logic CDB5534U Datasheet HTML 17Page - Cirrus Logic CDB5534U Datasheet HTML 18Page - Cirrus Logic CDB5534U Datasheet HTML 19Page - Cirrus Logic CDB5534U Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
CDB5534U
16
DS289DB6
2.3
Collecting Data Sets
To collect a sample data set:
1) In the Data Collection Window, select the Config button to bring up the Configuration Window and
view the current settings.
2) Select the appropriate settings from the available options (see the section on the Configuration
Window) and select the Accept button.
3) The Data Collection Window should still be visible. In the Setup box, select the Setup number you
want to use to perform conversions.
4) Select the Collect button to begin collecting data.
5) Data is sent directly to the PC through the USB cable. Depending on the value of the WR bits in
the selected Setup and the number of samples being collected, this process may take several min-
utes. The process can be terminated by pressing the Stop button, but if this is done, the user
should also press Reset on the CDB5534U board to bring the microcontroller out of the collection
routines.
6) Once the data has been collected, it can be analyzed, printed, or saved to disk.
2.4
Saving and Printing Data
Once collected, data can be printed or saved to a file for later use. To save or print data, click on the Output
button in the Data Collection Window. A small panel will pop up with three options:
1) Output Data File: Brings up the File Save dialog box, which allows the data to be saved to a file.
2) Print Screen: Prints the entire display, including the calculated statistics.
3) Print Graph: Prints the information in the plot area. The statistical information is not printed.
2.5
Retrieving Saved Data From a File
To load a previously saved file:
1) Pull down the Setup option and select Disk. A file menu will appear.
2) Find the data file in the list and select it. Press the Select button to return.
3) Go to the Data Collection Window, and press the Collect button.
4) The data from the file should appear on the screen. To select a different file, repeat the procedure.
2.6
Analyzing Data
The evaluation software provides three types of analysis - Time Domain, Frequency Domain, and Histo-
gram. The Time Domain analysis processes acquired conversions to produce a plot of conversion sample
number versus magnitude. The Frequency Domain analysis processes acquired conversions to produce
a magnitude versus frequency plot using the Fast-Fourier transform (results up to Fs/2 are calculated and
plotted). Also, performance parameters are also calculated and displayed. The Histogram analysis test
processes acquired conversions to produce a histogram plot. Statistical noise calculations are also calcu-
lated and displayed. For more information on Histograms, refer to Application Note 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com