Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB53L21 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 43Page - Cirrus Logic CDB53L21 Datasheet HTML 44Page - Cirrus Logic CDB53L21 Datasheet HTML 45Page - Cirrus Logic CDB53L21 Datasheet HTML 46Page - Cirrus Logic CDB53L21 Datasheet HTML 47Page - Cirrus Logic CDB53L21 Datasheet HTML 48Page - Cirrus Logic CDB53L21 Datasheet HTML 49Page - Cirrus Logic CDB53L21 Datasheet HTML 50Page - Cirrus Logic CDB53L21 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
DS700PP1
47
CS53L21
6.7
ADCx Input Select, Invert & Mute (Address 07h)
ADCX Input Select Bits (AINX_MUX[1:0])
Default: 00
Function:
Selects the specified analog input signal into ADCx. The microphone pre-amplifier is only available when
PDN_PGAx is disabled. See Figure 21.
ADCX Invert Signal Polarity (INV_ADCX)
Default: 0
0 - Disabled
1 - Enabled
Function:
When enabled, this bit will invert the signal polarity of the ADC x channel.
ADCX Channel Mute (ADCX_MUTE)
Default: 0
0 - Disabled
1 - Enabled
Function:
The output of channel x ADC will mute when enabled. The muting function is affected by the ADCx Soft bit
(SOFT).
7
6
5
432
10
AINB_MUX1
AINB_MUX0
AINA_MUX1
AINA_MUX0
INV_ADCB
INV_ADCA
ADCB_MUTE ADCA_MUTE
PDN_PGAx AINx_MUX[1:0]
Selected Path to ADC
0
00
AIN1x-->PGAx
0
01
AIN2x-->PGAx
0
10
AIN3x/MICINx-->PGAx
0
11
AIN3x/MICINx-->Pre-Amp(+16/+32 dB Gain)-->PGAx
100
AIN1x
101
AIN2x
1
10
AIN3x/MICINx
1
11
Reserved
MUX
AIN1x
AIN2x
AIN3x / MICINx
PGA
+16/
32 dB
MUX
AINx_MUX[1:0]
PDN_PGAx
AIN1x
AIN2x
AIN3x
Decoder
ADC
Figure 21. AIN & PGA Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com