Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB53L21 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 10Page - Cirrus Logic CDB53L21 Datasheet HTML 11Page - Cirrus Logic CDB53L21 Datasheet HTML 12Page - Cirrus Logic CDB53L21 Datasheet HTML 13Page - Cirrus Logic CDB53L21 Datasheet HTML 14Page - Cirrus Logic CDB53L21 Datasheet HTML 15Page - Cirrus Logic CDB53L21 Datasheet HTML 16Page - Cirrus Logic CDB53L21 Datasheet HTML 17Page - Cirrus Logic CDB53L21 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
14
DS700PP1
CS53L21
ADC DIGITAL FILTER CHARACTERISTICS
6. Response is clock-dependent and will scale with Fs. Note that the response plots (Figures 23 to 26) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs. HPF parameters
are for Fs = 48 kHz.
SWITCHING SPECIFICATIONS - SERIAL PORT
(Inputs: Logic 0 = DGND, Logic 1 = VL, SDOUT CLOAD = 15 pF.)
Parameter (Note 6)
Min
Typ
Max
Unit
Passband (Frequency Response)
to -0.1 dB corner
0
-
0.4948
Fs
Passband Ripple
-0.09
-
0.17
dB
Stopband
0.6
-
-
Fs
Stopband Attenuation
33
-
-
dB
Total Group Delay
-
7.6/Fs
-
s
High-Pass Filter Characteristics (48 kHz Fs)
Frequency Response
-3.0 dB
-0.13 dB
-
-
3.7
24.2
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
-10-
Deg
Passband Ripple
-
-
0.17
dB
Filter Settling Time
-105/Fs
0
s
Parameters
Symbol
Min
Max
Units
RESET pin Low Pulse Width
(Note 7)
1-
ms
MCLK Frequency
1.024
38.4
MHz
MCLK Duty Cycle
(Note 8)
45
55
%
Slave Mode
Input Sample Rate (LRCK)
Quarter-Speed Mode
Half-Speed Mode
Single-Speed Mode
Double-Speed Mode
Fs
Fs
Fs
Fs
4
8
4
50
12.5
25
50
100
kHz
kHz
kHz
kHz
LRCK Duty Cycle
45
55
%
SCLK Frequency
1/tP
-64•Fs
Hz
SCLK Duty Cycle
45
55
%
LRCK Setup Time Before SCLK Rising Edge
ts(LK-SK)
40
-
ns
LRCK Edge to SDOUT MSB Output Delay
td(MSB)
-52
ns
SDOUT Setup Time Before SCLK Rising Edge
ts(SDO-SK)
20
-
ns
SDOUT Hold Time After SCLK Rising Edge
th(SK-SDO)
30
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com