Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCL Datasheet(PDF) 5 Page - Leach International Corporation

Part # XCL
Description  RELAY – LATCHING 1PDT, LOW LEVEL TO 10 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

XCL Datasheet(HTML) 5 Page - Leach International Corporation

  XCL Datasheet HTML 1Page - Leach International Corporation XCL Datasheet HTML 2Page - Leach International Corporation XCL Datasheet HTML 3Page - Leach International Corporation XCL Datasheet HTML 4Page - Leach International Corporation XCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
XCL SERIES
RELAY
– LATCHING
1PDT, LOW LEVEL TO 10 AMP
5 / 5
DIAGRAMS
TOL: .XX ±.03; .XXX ±.010
NUMBERING SYSTEM
NOTES
1.
Standard Intermediate current test applicable.
2.
Inductive load life, 20,000 cycles. AC; 10,000 cycles DC.
3.
Low level enducrance test: contact load of 10 to 50 millivolt, 10 to 50 microamp, 100 Ohm max. contact resistance.
4.
Refer to MIL-R-6106 for details.
5.
"N" "R" & "V" coils have back EMF suppression to 42 volts maximum.
6.
500 Vrms with silicone rubber gasket compressed, 250 Vrms all other conditions.
7.
Applicable to Type "N", "R" & "V" coils only.
8.
Relay will not operate, but will not be damaged by application of reverse polarity on coil
For any inquiries, please contact your local sales representative: leachcorp.com
XCL
-
A
1
A
-
XXX
Basic series designation
1.
Mounting styles (A, D, E, G, J)
2.
Terminal types (1, 2, 4, 7)
3.
Coil voltage, see coil characteristics (A, B, C, M, N, R, V)
4.
XXX Designators
Dimensions in inches
Tolerances, unless otherwise specified, XX ± 0.03 in., XXX ± 0.010



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com