Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCL Datasheet(PDF) 1 Page - Leach International Corporation

Part # XCL
Description  RELAY – LATCHING 1PDT, LOW LEVEL TO 10 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

XCL Datasheet(HTML) 1 Page - Leach International Corporation

  XCL Datasheet HTML 1Page - Leach International Corporation XCL Datasheet HTML 2Page - Leach International Corporation XCL Datasheet HTML 3Page - Leach International Corporation XCL Datasheet HTML 4Page - Leach International Corporation XCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
XCL SERIES
RELAY
– LATCHING
1PDT, LOW LEVEL TO 10 AMP
(714) 736-
7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 6/2019
1 / 5
• All weld construction
• Contact arrangement
1 PDT
• Designed to the performance standards of
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
• Contacts rated at
Low level, 28 Vdc and 115/200
Vac, 400Hz, 3Ø, case grounded
• Weight
0.034 lbs. max
• Dimensions
0.41in x 0.81in x 0.64in
• Special models available upon request
• Hermetically sealed, corrosion resistant can
Applicable Socket:
Contact factory
Application Notes:
001
002
103B
007
023
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 Vdc
115 Vac, 400 Hz, 1Ø
Resistive
10
10
Inductive [2]
6
8
Motor
4
4
Lamp
2
2
Overload
30
60
Rupture
32
80
Low level [3]
-
-
Time current characteristics [4]
-
-


Similar Part No. - XCL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL101 TOREX-XCL101 Datasheet
626Kb / 19P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter
XCL102 TOREX-XCL102 Datasheet
1Mb / 20P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
XCL103 TOREX-XCL103 Datasheet
1Mb / 20P
Inductor Built-in Step-up ?쐌icro DC/DC??Converter (micro DC/DC)
XCL104 TOREX-XCL104 Datasheet
2Mb / 41P
1.4A, Inductor Built-in Step-up DC/DC Converters
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
1.4A, Inductor Built-in Step-up DC/DC Converters
More results

Similar Description - XCL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393100-3 MACOM-2-1393100-3 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1393100-4 MACOM-2-1393100-4 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1393100-6 MACOM-2-1393100-6 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1393100-7 MACOM-2-1393100-7 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
logo
Leach International Cor...
JS-D1A LEACH-JS-D1A Datasheet
772Kb / 5P
RELAY – NONLATCH 1PDT, 10 AMP
JSA- LEACH-JSA- Datasheet
535Kb / 5P
RELAY – NONLATCH 1PDT, 10 AMP
XC-A1A LEACH-XC-A1A Datasheet
679Kb / 5P
RELAY – NONLATCHING 1PDT, LOW LEVEL TO 10 AMP
YC-A1A LEACH-YC-A1A Datasheet
634Kb / 5P
RELAY – NONLATCH 3PDT, LOW LEVEL TO 10 AMP
YCL LEACH-YCL Datasheet
741Kb / 5P
RELAY - LATCHING 3 PDT, LOW LEVEL TO 10 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com