Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YCL Datasheet(PDF) 1 Page - Leach International Corporation

Part # YCL
Description  RELAY - LATCHING 3 PDT, LOW LEVEL TO 10 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

YCL Datasheet(HTML) 1 Page - Leach International Corporation

  YCL Datasheet HTML 1Page - Leach International Corporation YCL Datasheet HTML 2Page - Leach International Corporation YCL Datasheet HTML 3Page - Leach International Corporation YCL Datasheet HTML 4Page - Leach International Corporation YCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
YCL SERIES
RELAY - LATCHING
3 PDT, LOW LEVEL TO 10 AMP
(714) 736-
7598 • leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 6/2019
1 / 5
• Magnetic latch operation
• All welded construction
• Contact arrangement
3 PDT
• Qualified or in accordance with
MIL-PRF-6106
PRINCIPAL TECHNICAL CHARACTERISTICS
• Contacts rated at
Low level, 28 Vdc and 115/200 Vac,
400 Hz, 3Ø, case grounded
• Weight
0.068 lb max
• Dimensions
.81in x .81in x .64in
• Hermetically sealed, corrosion protected metal can
• Special models available upon request
Application notes:
101
102
103B
007
023
Applicable sockets:
SO-1065-003
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 Vdc
115 Vac,
400 Hz, 1Ø
115/200 Vac,
400 Hz 3Ø
Resistive
10A
10A
10A
Inductive [2]
6A
8A
8A
Motor
4A
4A
4A
Lamp
2A
2A
1A
Overload
30A
60A
60A
Rupture
40A
80A
80A
Low level [3]
-
-
-
Time current characteristics [4]
-
-
-


Similar Description - YCL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393100-6 MACOM-2-1393100-6 Datasheet
154Kb / 2P
10 Amp Dual Coil Latching Relay
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
KCL LEACH-KCL Datasheet
988Kb / 5P
RELAY – LATCHING 3 PDT, 25 AMP
XC-A1A LEACH-XC-A1A Datasheet
679Kb / 5P
RELAY – NONLATCHING 1PDT, LOW LEVEL TO 10 AMP
XCL LEACH-XCL Datasheet
660Kb / 5P
RELAY – LATCHING 1PDT, LOW LEVEL TO 10 AMP
YC-A1A LEACH-YC-A1A Datasheet
634Kb / 5P
RELAY – NONLATCH 3PDT, LOW LEVEL TO 10 AMP
YCA LEACH-YCA Datasheet
438Kb / 5P
RELAY - NONLATCH - AC COIL 3 PDT, LOW LEVEL TO 10 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com