Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YCL Datasheet(PDF) 5 Page - Leach International Corporation

Part # YCL
Description  RELAY - LATCHING 3 PDT, LOW LEVEL TO 10 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

YCL Datasheet(HTML) 5 Page - Leach International Corporation

  YCL Datasheet HTML 1Page - Leach International Corporation YCL Datasheet HTML 2Page - Leach International Corporation YCL Datasheet HTML 3Page - Leach International Corporation YCL Datasheet HTML 4Page - Leach International Corporation YCL Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
YCL SERIES
RELAY - LATCHING
3 PDT, LOW LEVEL TO 10 AMP
5 / 5
NUMBERING SYSTEM
NOTES
1. Standard Intermediate current test applicable. Relay can also switch low level load while switching any of the other rated loads
on adjacent contacts.
2. Inductive load life, 10,000 cycles.
3. Low level endurance test: contact load of 10 to 50 millivolt, 10 to 50 microamp, 100 Ohm max. contact resistance.
4. Refer to MIL-PRF-83536 for details.
5. "N," "R" & "V" coils have back EMF suppression to 42 volts maximum.
6. 350 Vrms with silicone gasket compressed, 250 Vrms coil to ground, coil to coil.
7. Suppressed coils limited to +85° C.
8. Relay will not be damaged, but may transfer with the application of reversed polarity to the coils.
9. Reference MIL-PRF-83536.
For any inquiries, please contact your local sales representative: leachcorp.com
YCL
A
1
A
Basic series designation
1.
Mounting styles
2.
Terminal types
3.
Coil voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com