Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5533 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5533
Description  300MHz to 11GHz Precision Dual RF Power Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5533 Datasheet(HTML) 2 Page - Linear Technology

  LTC5533 Datasheet HTML 1Page - Linear Technology LTC5533 Datasheet HTML 2Page - Linear Technology LTC5533 Datasheet HTML 3Page - Linear Technology LTC5533 Datasheet HTML 4Page - Linear Technology LTC5533 Datasheet HTML 5Page - Linear Technology LTC5533 Datasheet HTML 6Page - Linear Technology LTC5533 Datasheet HTML 7Page - Linear Technology LTC5533 Datasheet HTML 8Page - Linear Technology LTC5533 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC5533
2
5533f
12
11
10
9
8
7
1
2
3
4
5
6
RFIN1
GND1
SHDN1
RFIN2
GND2
SHDN2
VCC1
VOUT1
VOS1
VCC2
VOUT2
VOS2
TOP VIEW
DE12 PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN
13
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Voltage
●
2.7
6
V
IVCC Operating Current
IVOUT = 0mA
●
0.45
0.7
mA
IVCC Shutdown Current
SHDN = LO
●
0.01
2
µA
VOUT Start Voltage (No RF Input)
RLOAD = 2k, VOS = 0V
●
85
110 to 150
170
mV
SHDN = LO
1
mV
VOUT Output Current
VOUT = 1.75V, VCC = 2.7V, ∆VOUT < 10mV
●
24
mA
VOUT Enable Time
SHDN = LO to HI, CLOAD = 33pF, RLOAD = 2k
●
820
µs
VOUT Bandwidth
CLOAD = 33pF, RLOAD = 2k (Note 4)
2
MHz
VOUT Load Capacitance
(Note 6)
●
33
pF
VOUT Slew Rate
VRFIN = 1V Step, CLOAD = 33pF, RLOAD = 2k (Note 3)
3
V/µs
VOUT Noise
VCC = 3V, Noise BW = 1.5MHz, 50Ω RF Input Termination
1
mVP-P
VOUT Shutdown Resistance
Resistance Measured to Ground
280
Ω
VOS Voltage Range
●
01
V
VOS Input Current
VOS = 1V
●
–0.5
0.5
µA
SHDN Voltage, Chip Disabled
VCC = 2.7V to 6V
●
0.35
V
SHDN Voltage, Chip Enabled
VCC = 2.7V to 6V
●
1.4
V
SHDN Input Current
SHDN = 3.6V
●
22
36
µA
RFIN Input Frequency Range
300 to 11000
MHz
RFIN Input Power Range
RF Frequency = 300MHz to 7GHz (Note 5, 6) VCC = 2.7V to 6V
–32 to 12
dBm
RFIN AC Input Resistance
f = 1000MHz, Pin = –25dBm
220
Ω
RFIN Input Shunt Capacitance
f = 1000MHz, Pin = –25dBm
0.65
pF
Channel to Channel Isolation
f = 2GHz
45
dB
VCC1, VCC2, VOUT1, VOUT2, VOS1, VOS2....... –0.3V to 6.5V
RFIN1, RFIN2 Voltage ........................(VCC ± 1.25V) to 7V
RFIN1, RFIN2 Power (RMS) ................................. 12dBm
SHDN1, SHDN2 Voltage to GND .. –0.3V to (VCC + 0.3V)
IVOUT1, IVOUT2 ........................................................ 5mA
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Maximum Junction Temperature ......................... 125°C
Storage Temperature Range ................ – 65°C to 150°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.6V, SHDN = VCC = HI, SHDN = 0V = LO, RF Input Signal is Off,
VOS = 0V and SHDN = HI unless otherwise noted. Limits below are for one channel unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
DFN PART
MARKING
TJMAX = 125°C, θJA = 40°C/W
EXPOSED PAD IS GND (PIN 13)
MUST BE SOLDERED TO PCB
5533
LTC5533EDE
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications over the –40°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
Note 3: The rise time at VOUT is measured between 1.3V and 2.3V.
Note 4: Bandwidth is calculated based on the 10% to 90% rise time
equation: BW = 0.35/rise time.
Note 5: RF performance is production tested at 1800MHz
Note 6: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com