Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5533 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5533
Description  300MHz to 11GHz Precision Dual RF Power Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5533 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5533 Datasheet HTML 2Page - Linear Technology LTC5533 Datasheet HTML 3Page - Linear Technology LTC5533 Datasheet HTML 4Page - Linear Technology LTC5533 Datasheet HTML 5Page - Linear Technology LTC5533 Datasheet HTML 6Page - Linear Technology LTC5533 Datasheet HTML 7Page - Linear Technology LTC5533 Datasheet HTML 8Page - Linear Technology LTC5533 Datasheet HTML 9Page - Linear Technology LTC5533 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC5533
6
5533f
TYPICAL PERFOR A CE CHARACTERISTICS
0.3000GHz-7.000GHz
RFIN Input Impedance (Pin = 0dBm, VCC = 3.6V, TA = 25°C)
FREQUENCY
RESISTANCE
REACTANCE
(GHz)
(Ω)(Ω)
0.30
290.45
–136.22
0.50
234.41
–162.54
0.70
178.25
–170.53
0.90
137.31
–159.89
1.10
109.17
–147.57
1.30
86.30
–136.18
1.50
68.65
–121.74
1.70
57.48
–107.60
1.90
49.79
– 96.72
2.10
43.56
– 86.70
2.30
38.67
–77.91
2.50
34.82
–70.13
2.70
31.68
– 62.86
2.90
29.13
– 56.01
3.10
27.17
– 49.83
3.30
25.73
– 44.24
3.50
24.56
– 39.74
3.70
23.18
– 35.35
3.90
22.31
– 30.62
4.10
20.73
–26.88
4.30
19.88
–22.31
4.50
19.40
–18.23
4.70
19.05
–14.25
4.90
19.08
–10.21
5.10
19.55
– 6.30
5.30
20.85
– 2.84
5.50
21.94
–1.49
5.70
20.60
– 0.07
5.90
19.29
2.99
6.10
18.69
6.61
6.30
18.53
10.39
6.50
18.74
14.35
6.70
19.79
17.91
6.90
19.75
20.77
7.00
19.99
22.47
5508 TA03
S11 Forward Reflection
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com