Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5SV64M4AT Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # NT5SV64M4AT
Description  256Mb Synchronous DRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT5SV64M4AT Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button NT5SV64M4AT Datasheet HTML 17Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 18Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 19Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 20Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 21Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 22Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 23Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 24Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
NT5SV64M4AT(L)
NT5SV32M8AT(L)
NT5SV16M16AT(L)
256Mb Synchronous DRAM
REV 1.0
May, 2001
21
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Precharge Command
The Precharge Command is used to precharge or close a bank that has been activated. The Precharge Command is triggered
when CS , RAS, and WE are low and CAS is high at the rising edge of the clock. The Precharge Command can be used to pre-
charge each bank separately or all banks simultaneously. Three address bits, A10, BA0, and BA1, are used to define which
bank(s) is to be precharged when the command is issued.
For read cycles, the Precharge Command may be applied (CAS latency - 1) prior to the last data output. For write cycles, a
delay must be satisfied from the start of the last burst write cycle until the Precharge Command can be issued. This delay is
known as tDPL, Data-in to Precharge delay.
After the Precharge Command is issued, the precharged bank must be reactivated before a new read or write access can be
executed. The delay between the Precharge Command and the Activate Command must be greater than or equal to the Pre-
charge time (tRP).
Burst Write with Auto-Precharge Interrupted by Read
Bank Selection for Precharge by Address Bits
A10
Bank Select
Precharged Bank(s)
LOW
BA0, BA1
Single bank defined by BA0, BA1
HIGH
DON’T CARE
All Banks
DIN A0
COMMAND
NOP
NOP
NOP
WRITE A
Auto-Precharge
DIN A1
CK
T0
T2
T1
T3
T4
T5
T6
T7
T8
NOP
NOP
NOP
*
tCK3, DQs
CAS latency = 3
Bank A can be reactivated at completion of tDAL .
*
READ B
DIN A2
NOP
DOUT B 0
DOUT B1
DOUT B 2
tDAL‡
(Burst Length = 4, CAS Latency = 3)
See the Clock Frequency and Latency table.
‡ tDAL is a function of clock cycle time and speed sort.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com