Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5SV64M4AT Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # NT5SV64M4AT
Description  256Mb Synchronous DRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT5SV64M4AT Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button NT5SV64M4AT Datasheet HTML 35Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 36Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 37Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 38Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 39Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 40Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 41Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 42Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
NT5SV64M4AT(L)
NT5SV32M8AT(L)
NT5SV16M16AT(L)
256Mb Synchronous DRAM
REV 1.0
May, 2001
39
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Read Cycle
Symbol
Parameter
-7K
-75B
-8B
Units
Notes
Min.
Max.
Min.
Max.
Min.
Max.
tOH
Data Out Hold Time
—
—
—
—
2.5
—
ns
1
2.7
—
2.7
—
3
—
ns
2, 4
tLZ
Data Out to Low Impedance Time
0
—
0
—
0
—
ns
tHZ3
Data Out to High Impedance Time
3
5.4
3
5.4
3
6
ns
3
tHZ2
Data Out to High Impedance Time
3
5.4
3
6
3
6
ns
3
tDQZ
DQM Data Out Disable Latency
2
—
2
—
2
—
CK
1. AC Output Load Circuit A.
2. AC Output Load Circuit B.
3. Referenced to the time at which the output achieves the open circuit condition, not to output voltage levels.
4. Data Out Hold Time with no load must meet 1.8ns (-75H, -75D, -75A).
Refresh Cycle
Symbol
Parameter
-7K
-75B
-8B
Units
Notes
Min.
Max.
Min.
Max.
Min.
Max.
tREF
Refresh Period
—
64
—
64
—
64
ms
1
tSREX
Self Refresh Exit Time
10
—
10
—
10
—
ns
1. 8192 a uto refresh cycles.
Write Cycle
Symbol
Parameter
-7K
-75B
-8B
Units
Min.
Max.
Min.
Max.
Min.
Max.
tDS
Data In Set-up Time
1.5
—
1.5
—
2
—
ns
tDH
Data In Hold Time
0.8
—
0.8
—
1
—
ns
tDPL
Data input to Precharge
15
—
15
—
20
—
ns
tDAL3
Data In to Active Delay
CAS Latency = 3
5
—
5
—
5
—
CK
tDAL2
Data In to Active Delay
CAS Latency = 2
5
—
5
—
5
—
CK
tDQW
DQM Write Mask Latency
0
—
0
—
0
—
CK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com