Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP246Y Datasheet(PDF) 37 Page - Power Integrations, Inc.

Part # TOP246Y
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP246Y Datasheet(HTML) 37 Page - Power Integrations, Inc.

Back Button TOP246Y Datasheet HTML 33Page - Power Integrations, Inc. TOP246Y Datasheet HTML 34Page - Power Integrations, Inc. TOP246Y Datasheet HTML 35Page - Power Integrations, Inc. TOP246Y Datasheet HTML 36Page - Power Integrations, Inc. TOP246Y Datasheet HTML 37Page - Power Integrations, Inc. TOP246Y Datasheet HTML 38Page - Power Integrations, Inc. TOP246Y Datasheet HTML 39Page - Power Integrations, Inc. TOP246Y Datasheet HTML 40Page - Power Integrations, Inc. TOP246Y Datasheet HTML 41Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
TOP242-250
37
G
1/02
I
LIMIT
I
INIT
A
A
Conditions
(Unless Otherwise Specified)
See Figure 53
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
CIRCUIT PROTECTION
FREQUENCY INPUT
FREQUENCY Pin
Threshold Voltage
FREQUENCY Pin
Input Current
V
F = VC
V
F
I
F
Self Protection
Current Limit
(See Note C)
Initial Current Limit
See Note B
2.9
V
10
40
100
µA
MULTI-FUNCTION (M), LINE-SENSE (L) AND EXTERNAL CURRENT LIMIT (X) INPUTS
Remote ON Delay
Remote OFF
Setup Time
t
R(ON)
t
R(OFF)
From Remote On to Drain Turn-On
See Note B
Minimum Time Before Drain Turn-On
to Disable Cycle
See Note B
2.5
µs
2.5
µs
TOP242 P/G
TOP242 Y/R/F
T
J= 25 °C
TOP243 P/G
T
J= 25 °C
TOP243 Y/R/F
T
J= 25 °C
TOP244 P/G
T
J= 25 °C
TOP244 Y/R/F
T
J= 25 °C
TOP245 Y/R/F
T
J= 25 °C
TOP246 Y/R/F
T
J= 25 °C
TOP247 Y/R/F
T
J= 25 °C
TOP248 Y/R/F
T
J= 25 °C
TOP249 Y/R/F
T
J= 25 °C
TOP250 Y/R/F
T
J= 25 °C
≤ 85 VAC
(Rectified Line Input)
265 VAC
(Rectified Line Input)
Internal
di/dt=90 mA/µs
Internal
di/dt=150 mA/µs
Internal
di/dt=180 mA/µs
Internal
di/dt=200 mA/µs
Internal
di/dt=270 mA/µs
Internal
di/dt=360 mA/µs
Internal
di/dt=540 mA/µs
Internal
di/dt=720 mA/µs
Internal
di/dt=900 mA/µs
Internal
di/dt=1080 mA/µs
Internal
di/dt=1260 mA/µs
0.418
0.45
0.481
0.697
0.75
0.802
0.837
0.90
0.963
0.930
1.00
1.070
1.256
1.35
1.445
1.674
1.80
1.926
2.511
2.70
2.889
3.348
3.60
3.852
4.185
4.50
4.815
5.022
5.40
5.778
5.859
6.30
6.741
0.75 x
I
LIMIT(MIN)
0.6 x
I
LIMIT(MIN)
See
Note B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com