Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP246Y Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TOP246Y
Description  TOPSwitch -GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP246Y Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TOP246Y Datasheet HTML 6Page - Power Integrations, Inc. TOP246Y Datasheet HTML 7Page - Power Integrations, Inc. TOP246Y Datasheet HTML 8Page - Power Integrations, Inc. TOP246Y Datasheet HTML 9Page - Power Integrations, Inc. TOP246Y Datasheet HTML 10Page - Power Integrations, Inc. TOP246Y Datasheet HTML 11Page - Power Integrations, Inc. TOP246Y Datasheet HTML 12Page - Power Integrations, Inc. TOP246Y Datasheet HTML 13Page - Power Integrations, Inc. TOP246Y Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
TOP242-250
10
G
1/02
is also used to generate a temperature-compensated current
reference which is trimmed to accurately set the switching
frequency, MOSFET gate drive current, current limit, and the
line OV/UV thresholds. TOPSwitch-GX has improved circuitry
to maintain all of the above critical parameters within very tight
absolute and temperature tolerances.
High-Voltage Bias Current Source
This current source biases TOPSwitch-GX from the DRAIN
pin and charges the CONTROL pin external capacitance
during start-up or hysteretic operation. Hysteretic operation
occurs during auto-restart, remote off and over-temperature
shutdown. In this mode of operation, the current source is
switched on and off with an effective duty cycle of approxi-
mately 35%. This duty cycle is determined by the ratio of
CONTROL pin charge (I
C) and discharge currents (ICD1 and
I
CD2).
This current source is turned off during normal
operation when the output MOSFET is switching. The effect
of the current source switching will be seen on the DRAIN
voltage waveform as small disturbances and is normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com