| Electronic Components Datasheet Search |
|
CDB5521 Datasheet(PDF) 9 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5521 Datasheet(HTML) 9 Page - Cirrus Logic |
|
9 / 28 page ![]() CDB5521/22/23/24/28 DS317DB2 9 1.6 Software The evaluation board comes with software and an RS-232 cable to link the evaluation board to the PC. The executable software was developed with Lab Windows/CVITM and meant to run under Win- dowsTM 3.1 or later. After installing the software, read the readme.txt file for last minute changes in the software. Additionally, Section 2., Part II: Soft- ware further details how to install and use the soft- ware 1.7. Writing Your Own Interface Software Tables 2 through 5 list the RS-232 commands used to communicate between the PC and the microcon- troller. To develop additional code to communi- cate to the evaluation board via RS-232, the following applies: to write to an internal ADC reg- ister, choose the appropriate write command byte (See Table 2), and transmit it LSB first. Then, transmit the three data bytes lowest order byte (bits 7-0) first with the LSB of each byte transmitted first. These three data bytes provide the 24-bits of information to be written to the desired register. To read from an internal register, choose the appro- priate read command byte and transmit it LSB first. Then, the microcontroller automatically acquires the ADC’s register contents and returns the 24-bits of information. The returned data is transmitted lowest order byte first with the LSB of each byte transmit- ted first. Name Function Description HDR1 Used to switch AIN1+ (AIN1 on CS5528) between J1 and AGND. HDR2 Used to switch AIN1- (AIN2 on CS5528) between J1 and AGND. HDR3 Does not exist. HDR4 Used to switch the power for NBV from the LM337, CPD, or AGND. HDR5 Used to switch VREF+ and VREF- pins from external J2 header to the on board LT1019 reference. HDR6 Used to connect an external micro- controller. HDR7 Used in conjunction with the self test modes to test the UART/RS232 com- munication link between the micro- controller and a PC. HDR8 Used to switch AIN2 + (AIN3 on CS5528) between J1 and AGND. HDR9 Used to switch AIN2- (AIN4 on CS5528) between J1 and AGND. HDR10 Does not exist. HDR11 Used to switch AIN3+ (AIN5 on CS5528) between J1 and AGND. HDR12 Used to switch AIN3- (AIN6 on CS5528) between J1 and AGND. HDR13 Used to switch AIN4+ (AIN7 on CS5528) between J1 and AGND. HDR14 Used to switch AIN4- (AIN8 on CS5528) between J1 and AGND. Table 1. Header Descriptions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |