| Electronic Components Datasheet Search |
|
CDB5521 Datasheet(PDF) 19 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB5521 Datasheet(HTML) 19 Page - Cirrus Logic |
|
19 / 28 page ![]() CDB5521/22/23/24/28 DS317DB2 19 2.9 Calibration Window Overview The following controls and indicators are associat- ed with the Calibration Menu (Figure 9). • GAIN DECODE Eight display boxes that displays the decoded meaning of each gain register. • Gain Hexadecimal Icons Eight input/display icons that allow a user to set/clear the 24 bits in the eight gain registers via 6 hexadecimal nibbles. If the upper nibbles in the registers are zero’s, then leading zero nibbles need to be entered. • Offset Hexadecimal Icons Eight input/display icons that allow a user to set/clear the 24 bits in the eight offset registers via 6 hexadecimal nibbles. If the upper nibbles in the registers are zero’s, then leading zero nibbles need to be entered. • Self-Gain Used to perform a self-gain calibration using the chosen Setup. • Self-Offset Used to perform a self-offset calibration using the chosen Setup. • Shift Gain Register Sixteen input icons used to shift the contents on the gain registers either 1 bit left or right. Once shifted the data at the respective gain registers ends is lost. • System-Gain Used to perform a system-gain calibration us- ing the chosen Setup. • System-Offset Used to perform a system-offset calibration us- ing the chosen Setup. • Update Icons This is a control icon. When pressed the offset and gain registers are read. Then, the register content icons are updated. 2.10 Trouble Shooting the Evaluation Board This section describes special test modes incorporated in the microcontroller software to diagnose hardware problems with the evaluation board. Note: To enter these modes, set the test switches to the appropriate position and reset the evaluation board. To re-enter the normal operation mode, set the switches back to binary zero and reset the board again. • Test Mode 0, Normal Mode This is the default mode of operation. To enter this mode, set the test switches to 000 and reset the board. The evaluation board allows normal read/writes to the ADC’s registers. All the LED’s toggle on then off after reset, and then only when communicating with the PC. • Test Mode 1, Loop Back Test This test mode checks the microcontroller’s on- chip UART. To enter this mode, set test switch- es to 001, set HDR7 for loop back, and then re- set the board. If the communication works, all the LED's toggle. Otherwise, only 1/2 of the LED’s toggle to indicate a communication problem. • Test Mode 2, Read/Write to ADC This test mode tests the microcontroller’s abil- ity to read and write to the ADC. To enter this mode, set the switches to 010 and reset the board. In this test mode, the ADC’s configura- tion, offset, and gain registers are written to and then read from. If the correct data is read back, all the LED's toggle. Otherwise, only half of them toggle to indicate an error. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |