Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF2N02EL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MGSF2N02EL
Description  2.8 Amps, 20 Volts, N?묬hannel SOT??3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF2N02EL Datasheet(HTML) 2 Page - ON Semiconductor

  MGSF2N02EL Datasheet HTML 1Page - ON Semiconductor MGSF2N02EL Datasheet HTML 2Page - ON Semiconductor MGSF2N02EL Datasheet HTML 3Page - ON Semiconductor MGSF2N02EL Datasheet HTML 4Page - ON Semiconductor MGSF2N02EL Datasheet HTML 5Page - ON Semiconductor MGSF2N02EL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MGSF2N02EL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 10 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
−
−
22
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
mAdc
Gate−Source Leakage Current (VGS = $ 8.0 Vdc, VDS = 0 Vdc)
IGSS
−
−
"100
nA
ON CHARACTERISTICS (Note 3)
Gate−Source Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.5
−
−
−2.3
1.0
−
Vdc
mV/
°C
Static Drain−to−Source On−Resistance
(VGS = 4.5 Vdc, ID = 3.6 A)
(VGS = 2.5 Vdc, ID = 3.1 A)
RDS(on)
−
−
78
105
85
115
m
W
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
50Vd
V
0V
Ciss
−
150
−
pF
Output Capacitance
(VDS = 5.0 Vdc, VGS = 0 V,
f = 1.0 MHz)
Coss
−
130
−
Transfer Capacitance
f = 1.0 MHz)
Crss
−
45
−
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(on)
−
6.0
−
ns
Rise Time
(VDD = 16 Vdc, ID = 2.8 Adc,
tr
−
95
−
Turn−Off Delay Time
(VDD
16 Vdc, ID
2.8 Adc,
Vgs = 4.5 V, RG = 2.3 W)
td(off)
−
28
−
Fall Time
tf
−
125
−
Gate Charge
(V
16 Vd
I
175Ad
QT
−
3.5
−
nC
(VDS = 16 Vdc, ID = 1.75 Adc,
VGS = 4.0 Vdc) (Note 3)
Qgs
−
0.6
−
VGS = 4.0 Vdc) (Note 3)
Qgd
−
1.5
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward Voltage
(IS = 1.0 Adc, VGS = 0 Vdc) (Note 3)
VSD
−
−
0.76
−
1.2
−
V
Reverse Recovery Time
trr
−
104
−
ns
(IS = 1.0 Adc, VGS = 0 Vdc,
dlS/dt = 100 A/ms) (Note 3)
ta
−
42
−
dlS/ dt = 100 A/ms) (Note 3)
tb
−
62
−
Reverse Recovery Stored Charge
QRR
−
0.20
−
mC
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperature.
ORDERING INFORMATION
Device
Package
Shipping†
MGSF2N02ELT1
SOT−23
3,000 Tape & Reel
MGSF2N02ELT1G
SOT−23
(Pb−Free)
3,000 Tape & Reel
MGSF2N02ELT3
SOT−23
10,000 Tape & Reel
MGSF2N02ELT3G
SOT−23
(Pb−Free)
10,000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com