Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF2N02EL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MGSF2N02EL
Description  2.8 Amps, 20 Volts, N?묬hannel SOT??3
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF2N02EL Datasheet(HTML) 3 Page - ON Semiconductor

  MGSF2N02EL Datasheet HTML 1Page - ON Semiconductor MGSF2N02EL Datasheet HTML 2Page - ON Semiconductor MGSF2N02EL Datasheet HTML 3Page - ON Semiconductor MGSF2N02EL Datasheet HTML 4Page - ON Semiconductor MGSF2N02EL Datasheet HTML 5Page - ON Semiconductor MGSF2N02EL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MGSF2N02EL
http://onsemi.com
3
0
2
4
6
8
0
0.5
1
1.5
2
2.5
VGS = 3 V
VGS = 2.2 V
VGS = 2.0 V
VGS = 1.8 V
VGS = 1.6 V
TJ = 25°C
VGS = 2.6 V
VGS = 10 V
VGS = 7 V
VGS = 5 V
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
TJ = 55°C
TJ = 100°C
VDS w 10 V
0.02
0.04
0.06
0.08
0.10
0.12
024
68
TJ = 25°C
0
0.1
0.2
0.3
456
78
TJ = 25°C
VGS = 2.5 V
0.6
0.9
1.2
1.5
1.8
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
ID = 3.6 A
VGS = 4.5 V
10
100
1000
10000
4
8
12
16
20
VGS = 0 V
TJ = 150°C
TJ = 100°C
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance vs. Gate−to−Source Voltage
Figure 4. On−Resistance vs. Gate Voltage
Figure 5. On−Resistance Variation with Temperature
Figure 6. Drain−to−Source Leakage
Current vs. Voltage
ID = 3.6 A
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
−ID, DRAIN CURRENTS (AMPS)
VGS, GATE−TO−SOURCE VOLTAGE (V)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = 1.2 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com